Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F241X Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430F241X
Description  MIXED SIGNAL MICROCONTROLLER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F241X Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F241X Datasheet HTML 1Page - Texas Instruments MSP430F241X Datasheet HTML 2Page - Texas Instruments MSP430F241X Datasheet HTML 3Page - Texas Instruments MSP430F241X Datasheet HTML 4Page - Texas Instruments MSP430F241X Datasheet HTML 5Page - Texas Instruments MSP430F241X Datasheet HTML 6Page - Texas Instruments MSP430F241X Datasheet HTML 7Page - Texas Instruments MSP430F241X Datasheet HTML 8Page - Texas Instruments MSP430F241X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 102 page
background image
MSP430F261x
MSP430F241x
SLAS541J – JUNE 2007 – REVISED DECEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The calibrated digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 1 µs.
The MSP430F261x and MSP430F241x series are microcontroller configurations with two built-in 16-bit timers, a
fast 12-bit A/D converter, a comparator, dual 12-bit D/A converters, four universal serial communication interface
(USCI) modules, DMA, and up to 64 I/O pins. The MSP430F241x devices are identical to the MSP430F261x
devices, with the exception that the DAC12 and the DMA modules are not implemented.
Typical applications include sensor systems, industrial control applications, hand-held meters, etc. The 12x12-
mm LQFP-64 package is also available as a non-magnetic package for medical imaging applications.
Table 1. Available Options(1)
PACKAGED DEVICES(2)
TA
PLASTIC 113-PIN BGA (ZQW)
PLASTIC 80-PIN LQFP (PN)
PLASTIC 64-PIN LQFP (PM)
MSP430F2416TPM
MSP430F2416TZQW
MSP430F2416TPN
MSP430F2417TPM
MSP430F2417TZQW
MSP430F2417TPN
MSP430F2418TPM
MSP430F2418TZQW
MSP430F2418TPN
MSP430F2419TPM
MSP430F2419TZQW
MSP430F2419TPN
-40°C to 105°C
MSP430F2616TPM
MSP430F2616TZQW
MSP430F2616TPN
MSP430F2617TPM
MSP430F2617TZQW
MSP430F2617TPN
MSP430F2618TPM
MSP430F2618TZQW
MSP430F2618TPN
MSP430F2619TPM
MSP430F2619TZQW
MSP430F2619TPN
MSP430F2618TPMR-NM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Development Tool Support
All MSP430 microcontrollers include an Embedded Emulation Module (EEM) allowing advanced debugging and
programming through easy-to-use development tools. Recommended hardware options include:
Debugging and Programming Interface
MSP-FET430UIF (USB)
MSP-FET430PIF (Parallel Port)
Debugging and Programming Interface with Target Board
MSP-FET430U64 (PM Package)
MSP-FET430U80 (PN Package)
Standalone Target Board
MSP-TS430PM64
Production Programmer
MSP-GANG430
2
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated


Similar Part No. - MSP430F241X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F241X TI-MSP430F241X Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F241X TI-MSP430F241X Datasheet
6Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F241X TI1-MSP430F241X Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MARCH2011
MSP430F241X TI1-MSP430F241X Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F241X TI1-MSP430F241X Datasheet
2Mb / 120P
[Old version datasheet]   MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F241X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com