Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75976A-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75976A-EP
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75976A-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75976A-EP Datasheet HTML 7Page - Texas Instruments SN75976A-EP Datasheet HTML 8Page - Texas Instruments SN75976A-EP Datasheet HTML 9Page - Texas Instruments SN75976A-EP Datasheet HTML 10Page - Texas Instruments SN75976A-EP Datasheet HTML 11Page - Texas Instruments SN75976A-EP Datasheet HTML 12Page - Texas Instruments SN75976A-EP Datasheet HTML 13Page - Texas Instruments SN75976A-EP Datasheet HTML 14Page - Texas Instruments SN75976A-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
Generator
(see Note A)
Generator
(see Note A)
50
50
VID
Input B −
IO
VO
CDE0, CDE1, CDE2, BSR, CRE, and DE/RE at 0.8 V
CL = 15 pF
Output
Input B +
For the SN75976A only, all nine receivers are enabled and switching.
1.5 V
1.5 V
90%
90%
10%
10%
1.4 V
1.4 V
tPLH
tPHL
3 V
0 V
VOH
VOL
Input B −
Output
tr
tf
Input B +
SN75976A-EP
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS878A – JANUARY 2008 – REVISED FEBRUARY 2008
PARAMETER MEASUREMENT INFORMATION (continued)
A.
All input pulses are supplied by a generator having the following characteristics: tr ≤ 6 ns, tf ≤ 6 ns, PRR ≤ 1 MHz,
duty cycle = 50%, ZO = 50 Ω.
B.
All resistances are in
Ω and ± 5%, unless otherwise indicated.
C.
All capacitances are in pF and ± 10%, unless otherwise indicated.
D.
All indicated voltages are ± 10 mV.
Figure 4. Receiver Propagation Delay and Transition Time Test Circuit
A.
All input pulses are supplied by a generator having the following characteristics: tr ≤ 6 ns, tf ≤ 6 ns, PRR ≤ 1 MHz,
duty cycle = 50%, ZO = 50 Ω.
B.
All resistances are in
Ω and ± 5%, unless otherwise indicated.
C.
All capacitances are in pF and ± 10%, unless otherwise indicated.
D.
All indicated voltages are ± 10 mV.
Figure 5. Receiver Delay and Transition Time Waveforms
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN75976A-EP


Similar Part No. - SN75976A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75976A TI-SN75976A Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGG TI-SN75976A1DGG Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGG TI-SN75976A1DGG Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SN75976A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com