Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5324IZQE Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430F5324IZQE
Description  MIXED SIGNAL MICROCONTROLLER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5324IZQE Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F5324IZQE Datasheet HTML 7Page - Texas Instruments MSP430F5324IZQE Datasheet HTML 8Page - Texas Instruments MSP430F5324IZQE Datasheet HTML 9Page - Texas Instruments MSP430F5324IZQE Datasheet HTML 10Page - Texas Instruments MSP430F5324IZQE Datasheet HTML 11Page - Texas Instruments MSP430F5324IZQE Datasheet HTML 12Page - Texas Instruments MSP430F5324IZQE Datasheet HTML 13Page - Texas Instruments MSP430F5324IZQE Datasheet HTML 14Page - Texas Instruments MSP430F5324IZQE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
MSP430F532x
www.ti.com
SLAS678C
– AUGUST 2010 – REVISED NOVEMBER 2011
Table 2. Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PN
RGC
ZQE
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.4/PM_UCA1TXD/
51
45
D7
I/O
PM_UCA1SIMO
Default mapping: Transmit data
– USCI_A1 UART mode
Default mapping: Slave in, master out
– USCI_A1 SPI mode
General-purpose digital I/O with reconfigurable port mapping secondary
function
P4.5/PM_UCA1RXD/
52
46
C9
I/O
PM_UCA1SOMI
Default mapping: Receive data
– USCI_A1 UART mode
Default mapping: Slave out, master in
– USCI_A1 SPI mode
General-purpose digital I/O with reconfigurable port mapping secondary
P4.6/PM_NONE
53
47
C8
I/O
function
Default mapping: no secondary function.
General-purpose digital I/O with reconfigurable port mapping secondary
P4.7/PM_NONE
54
48
C7
I/O
function
Default mapping: no secondary function.
General-purpose digital I/O (not available on
'F5328, 'F5326, 'F5324 devices)
P5.6/TB0.0
55
N/A
N/A
I/O
TB0 CCR0 capture: CCI0A input, compare: Out0 output (not available on
'F5328, 'F5326, 'F5324 devices)
General-purpose digital I/O (not available on
'F5328, 'F5326, 'F5324 devices)
P5.7/TB0.1
56
N/A
N/A
I/O
TB0 CCR1 capture: CCI1A input, compare: Out1 output (not available on
'F5328, 'F5326, 'F5324 devices)
General-purpose digital I/O (not available on
'F5328, 'F5326, 'F5324 devices)
P7.4/TB0.2
57
N/A
N/A
I/O
TB0 CCR2 capture: CCI2A input, compare: Out2 output (not available on
'F5328, 'F5326, 'F5324 devices)
General-purpose digital I/O (not available on
'F5328, 'F5326, 'F5324 devices)
P7.5/TB0.3
58
N/A
N/A
I/O
TB0 CCR3 capture: CCI3A input, compare: Out3 output (not available on
'F5328, 'F5326, 'F5324 devices)
General-purpose digital I/O (not available on
'F5328, 'F5326, 'F5324 devices)
P7.6/TB0.4
59
N/A
N/A
I/O
TB0 CCR4 capture: CCI4A input, compare: Out4 output (not available on
'F5328, 'F5326, 'F5324 devices)
General-purpose digital I/O (not available on
'F5328, 'F5326, 'F5324 devices)
TB0 clock signal TBCLK input (not available on
'F5328, 'F5326, 'F5324
P7.7/TB0CLK/MCLK
60
N/A
N/A
I/O
devices)
MCLK output (not available on
'F5328, 'F5326, 'F5324 devices)
VSSU
61
49
B8, B9
PU ground supply
PU.0
62
50
A9
I/O
General-purpose digital I/O - controlled by PU control register
NC
63
51
B7
I/O
No connect
PU.1
64
52
A8
I/O
General-purpose digital I/O - controlled by PU control register
LDOI
65
53
A7
LDO input
LDOO
66
54
A6
LDO output
NC
67
55
B6
No connect
AVSS2
68
56
A5
Analog ground supply
General-purpose digital I/O
P5.2/XT2IN
69
57
B5
I/O
Input terminal for crystal oscillator XT2
General-purpose digital I/O
P5.3/XT2OUT
70
58
B4
I/O
Output terminal of crystal oscillator XT2
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - MSP430F5324IZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5324IZQE TI-MSP430F5324IZQE Datasheet
3Mb / 127P
[Old version datasheet]   MSP430F532x Mixed-Signal Microcontrollers
MSP430F5324IZQER TI-MSP430F5324IZQER Datasheet
3Mb / 127P
[Old version datasheet]   MSP430F532x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5324IZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com