Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2417TPNR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2417TPNR
Description  MIXED SIGNAL MICROCONTROLLER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2417TPNR Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F2417TPNR Datasheet HTML 1Page - Texas Instruments MSP430F2417TPNR Datasheet HTML 2Page - Texas Instruments MSP430F2417TPNR Datasheet HTML 3Page - Texas Instruments MSP430F2417TPNR Datasheet HTML 4Page - Texas Instruments MSP430F2417TPNR Datasheet HTML 5Page - Texas Instruments MSP430F2417TPNR Datasheet HTML 6Page - Texas Instruments MSP430F2417TPNR Datasheet HTML 7Page - Texas Instruments MSP430F2417TPNR Datasheet HTML 8Page - Texas Instruments MSP430F2417TPNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
MSP430F261x
MSP430F241x
www.ti.com
SLAS541J – JUNE 2007 – REVISED DECEMBER 2011
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Low Supply Voltage Range 1.8 V to 3.6 V
Serial Onboard Programming, No External
Programming Voltage Needed, Programmable
Ultra-Low Power Consumption
Code Protection by Security Fuse
Active Mode: 365 µA at 1 MHz, 2.2 V
Family Members:
Standby Mode (VLO): 0.5 µA
MSP430F2416
Off Mode (RAM Retention): 0.1 µA
92KB + 256B Flash Memory
Wake-Up From Standby Mode in Less Than
4KB RAM
1 µs
MSP430F2417
16-Bit RISC Architecture, 62.5-ns Instruction
Cycle Time
92KB + 256B Flash Memory
Three-Channel Internal DMA
8KB RAM
12-Bit Analog-to-Digital (A/D) Converter With
MSP430F2418
Internal Reference, Sample-and-Hold, and
116KB + 256B Flash Memory
Autoscan Feature
8KB RAM
Dual 12-Bit Digital-to-Analog (D/A) Converters
MSP430F2419
With Synchronization
120KB + 256B Flash Memory
16-Bit Timer_A With Three Capture/Compare
4KB RAM
Registers
MSP430F2616
16-Bit Timer_B With Seven Capture/Compare-
92KB + 256B Flash Memory
With-Shadow Registers
4KB RAM
On-Chip Comparator
MSP430F2617
Four Universal Serial Communication
Interfaces (USCIs)
92KB + 256B Flash Memory
USCI_A0 and USCI_A1
8KB RAM
Enhanced UART Supporting Auto-
MSP430F2618
Baudrate Detection
116KB + 256B Flash Memory
IrDA Encoder and Decoder
8KB RAM
Synchronous SPI
MSP430F2619
USCI_B0 and USCI_B1
120KB + 256B Flash Memory
I2C™
4KB RAM
Synchronous SPI
Available in 80-Pin Quad Flat Pack (LQFP), 64-
Supply Voltage Supervisor/Monitor With
Pin LQFP, and 113-Pin Ball Grid Array (BGA)
Programmable Level Detection
(See Table 1)
Brownout Detector
For Complete Module Descriptions, See the
MSP430x2xx Family User's Guide (SLAU144)
Bootstrap Loader
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F2417TPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2417TPNR TI-MSP430F2417TPNR Datasheet
1Mb / 98P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2417TPNR TI-MSP430F2417TPNR Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2417TPNR TI-MSP430F2417TPNR Datasheet
6Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2417TPNR TI1-MSP430F2417TPNR Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MARCH2011
MSP430F2417TPNR TI1-MSP430F2417TPNR Datasheet
2Mb / 120P
[Old version datasheet]   MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F2417TPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com