Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8P0434S Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SN8P0434S
Description  OPT ROM:4096 16bits , RAM:128 8bits
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P0434S Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SN8P0434S Datasheet HTML 6Page - SONiX Technology Company SN8P0434S Datasheet HTML 7Page - SONiX Technology Company SN8P0434S Datasheet HTML 8Page - SONiX Technology Company SN8P0434S Datasheet HTML 9Page - SONiX Technology Company SN8P0434S Datasheet HTML 10Page - SONiX Technology Company SN8P0434S Datasheet HTML 11Page - SONiX Technology Company SN8P0434S Datasheet HTML 12Page - SONiX Technology Company SN8P0434S Datasheet HTML 13Page - SONiX Technology Company SN8P0434S Datasheet HTML 14Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image

   
 

2.2.
 (BANK 0) :



 


 

"












































































 #
!

$
%
 
&
&
&
&
&
&
&
&
&

&
&
&
&
&
&
&
&
&
&
&
&
&
&
&
&

&
&
&
&
&
&
&
&
&
&
&
&
&
&
&
&
"     "     "
&
&
&
&
&
&
&
&
&
 '    
&
   
&
&
    
&
&
&
# !
 


&


&
&
          
   
&
  (!# (%$
&
&
&
&
&
&
&
&
                  


= ,3 ê„ ÐÑ
>,= ÉÊ ÐÑ
%
3 ê„ÐÑ
 34ŸëST
U%
3 ê„ÐÑ %2 <3 ê„ Ò >2<
 ÉÊÐÑ
%
1=(?3 èìíÐÑ %

()3 () r.ÐÑ %
()3 () DEF]^ÐÑ %
()@3 () 34STU%

)(3 )( r.ÐÑ %



A 3 } €ÐÑ %
/3 } /LMLNr.ÐÑ %
/63 }/îÅ6==6ÐÑ %
/3 } /34STU%


03 ?@ïðÐÑ %
;3 ?@ñ#ÐÑ %
3 _` r.ÐÑ %, =3 .-; %
3 -7 r.ÐÑ %
3 -7 -;  r.ÐÑ %
3 -7 -;ÐÑ %
3 -7 -; -;ÐÑ %
3 -7 -; r.ÐÑ %
3 QRíSTU%
3 -7 -;  -;ÐÑ %
3 -7 -;  [‹µòŒM3
4STU%


3 r.åžÐÑ %
@3 34STU%
3 7hµòŒMSTU%



>,=3 (,= ™óÉÊôڐí%
' &3 QR'QR&STU%
>2<3 (2<™óÉÊôڐí%







Similar Part No. - SN8P0434S

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P0111P SONIX-SN8P0111P Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0111S SONIX-SN8P0111S Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0112P SONIX-SN8P0112P Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0112S SONIX-SN8P0112S Datasheet
142Kb / 3P
   8-bit microcontroller
SN8P0113P SONIX-SN8P0113P Datasheet
142Kb / 3P
   8-bit microcontroller
More results

Similar Description - SN8P0434S

ManufacturerPart #DatasheetDescription
logo
Winbond
W541E261 WINBOND-W541E261 Datasheet
352Kb / 13P
   4BIT MICROCONTROLLER, 2K 횞16 ROM, 128 횞4 RAM 128 -DOT LCD
logo
Intersil Corporation
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
Winbond
W541E WINBOND-W541E Datasheet
236Kb / 13P
   4BIT MICROCONTROLLER, 4K 횞16 ROM, 256 횞4 RAM 128 -DOT LCD
logo
Sanyo Semicon Device
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
logo
Samsung semiconductor
S3C7544 SAMSUNG-S3C7544 Datasheet
206Kb / 27P
   Single-chip CMOS microcontroller, 512 x 4-bit RAM, 4096 x 8-bit ROM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
logo
Sanyo Semicon Device
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
logo
Zarlink Semiconductor I...
MA5104 ZARLINK-MA5104 Datasheet
262Kb / 12P
   RADIATION HARD 4096 x 1 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com