Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5338IZQWT Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP430F5338IZQWT
Description  MIXED SIGNAL MICROCONTROLLER
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5338IZQWT Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F5338IZQWT Datasheet HTML 5Page - Texas Instruments MSP430F5338IZQWT Datasheet HTML 6Page - Texas Instruments MSP430F5338IZQWT Datasheet HTML 7Page - Texas Instruments MSP430F5338IZQWT Datasheet HTML 8Page - Texas Instruments MSP430F5338IZQWT Datasheet HTML 9Page - Texas Instruments MSP430F5338IZQWT Datasheet HTML 10Page - Texas Instruments MSP430F5338IZQWT Datasheet HTML 11Page - Texas Instruments MSP430F5338IZQWT Datasheet HTML 12Page - Texas Instruments MSP430F5338IZQWT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
MSP430F533x
www.ti.com
SLAS721B – AUGUST 2010 – REVISED AUGUST 2012
Table 3. Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
ZQW
General-purpose digital I/O with port interrupt
P1.7/TA0.2
41
M7
I/O
Timer TA0 CCR2 capture: CCI2B input, compare: Out2 output
General-purpose digital I/O with port interrupt
P3.0/TA1CLK/CBOUT
42
L7
I/O
Timer TA1 clock input
Comparator_B output
General-purpose digital I/O with port interrupt
P3.1/TA1.0
43
H7
I/O
Timer TA1 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
General-purpose digital I/O with port interrupt
P3.2/TA1.1
44
M8
I/O
Timer TA1 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
General-purpose digital I/O with port interrupt
P3.3/TA1.2
45
L8
I/O
Timer TA1 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
General-purpose digital I/O with port interrupt
P3.4/TA2CLK/SMCLK
46
J8
I/O
Timer TA2 clock input
SMCLK output
General-purpose digital I/O with port interrupt
P3.5/TA2.0
47
M9
I/O
Timer TA2 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
General-purpose digital I/O with port interrupt
P3.6/TA2.1
48
L9
I/O
Timer TA2 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
General-purpose digital I/O with port interrupt
P3.7/TA2.2
49
M10
I/O
Timer TA2 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
General-purpose digital I/O with port interrupt
P4.0/TB0.0
50
J9
I/O
Timer TB0 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
General-purpose digital I/O with port interrupt
P4.1/TB0.1
51
M11
I/O
Timer TB0 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
General-purpose digital I/O with port interrupt
P4.2/TB0.2
52
L10
I/O
Timer TB0 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
General-purpose digital I/O with port interrupt
P4.3/TB0.3
53
M12
I/O
Timer TB0 capture CCR3: CCI3A/CCI3B input, compare: Out3 output
General-purpose digital I/O with port interrupt
P4.4/TB0.4
54
L12
I/O
Timer TB0 capture CCR4: CCI4A/CCI4B input, compare: Out4 output
General-purpose digital I/O with port interrupt
P4.5/TB0.5
55
L11
I/O
Timer TB0 capture CCR5: CCI5A/CCI5B input, compare: Out5 output
General-purpose digital I/O with port interrupt
P4.6/TB0.6
56
K11
I/O
Timer TB0 capture CCR6: CCI6A/CCI6B input, compare: Out6 output
General-purpose digital I/O with port interrupt
P4.7/TB0OUTH/SVMOUT
57
K12
I/O
Timer TB0: Switch all PWM outputs high impedance
SVM output
General-purpose digital I/O
P8.0/TB0CLK
58
J11
I/O
Timer TB0 clock input
General-purpose digital I/O
P8.1/UCB1STE/UCA1CLK
59
J12
I/O
USCI_B1 SPI slave transmit enable; USCI_A1 clock input/output
General-purpose digital I/O
P8.2/UCA1TXD/UCA1SIMO
60
H11
I/O
USCI_A1 UART transmit data; USCI_A1 SPI slave in/master out
Copyright © 2010–2012, Texas Instruments Incorporated
9


Similar Part No. - MSP430F5338IZQWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5338IZQWT TI1-MSP430F5338IZQWT Datasheet
1Mb / 112P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5338IZQWT TI-MSP430F5338IZQWT Datasheet
3Mb / 124P
[Old version datasheet]   MSP430F533x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5338IZQWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com