Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8A1702A Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SN8A1702A
Description  8-Bit Micro-Controller
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702A Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SN8A1702A Datasheet HTML 4Page - SONiX Technology Company SN8A1702A Datasheet HTML 5Page - SONiX Technology Company SN8A1702A Datasheet HTML 6Page - SONiX Technology Company SN8A1702A Datasheet HTML 7Page - SONiX Technology Company SN8A1702A Datasheet HTML 8Page - SONiX Technology Company SN8A1702A Datasheet HTML 9Page - SONiX Technology Company SN8A1702A Datasheet HTML 10Page - SONiX Technology Company SN8A1702A Datasheet HTML 11Page - SONiX Technology Company SN8A1702A Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 8
Revision 0.5
1
1
1 PRODUCT OVERVIEW
GENERAL DESCRIPTION
The SN8P1702A/SN8P1703A is a series of 8-bit micro-controller. This chip is utilized with CMOS technology
fabrication and featured with low power consumption and high performance by its unique electronic structure.
This chip is designed with the excellent IC structure including the large program memory OTP ROM, the massive data
memory RAM, two 8-bit timer counters (TC0, TC1), a watchdog timer, three interrupt sources (TC0, TC1, INT0), an
4-channel ADC converter with 8-bit/12-bit resolution, two channels high speed PWM output (PWM0, PWM1), two
channels buzzer output (BZ0, BZ1) and 8-level stack buffers.
Besides, the user can choose desired oscillator configurations for the controller. There are four oscillator configurations
to select for generating system clock, including High/Low Speed crystal, ceramic resonator or cost-saving RC. This
series also includes an internal RC oscillator for slow mode controlled by programming.
FEATURES SELECTION TABLE
Timer
PWM
Wakeup
CHIP
ROM RAM Stack
T0 TC0 TC1
I/O AVref ADC
Buzzer
Pin no.
Package
SN8P1702A 1K*16 128
-
V
V
12
-
4ch
2
3
DIP18/SOP18/SSOP20
SN8P1703A 1K*16 128
8
-
V
V
13
V
4ch
2
3
DIP20/SOP20/SSOP20
Table 1-1. Selection Table of SN8P1702A/SN8P1703A
MASK/OTP Relative Table
MASK Part Number Package Form
OTP Chip for Verification
Assembler Declaration
SN8A1702A
DIP18/SOP18 /SSOP20 SN8P1702A
CHIP SN8P1702A
SN8A1702B
DIP18/SOP18 /SSOP20 SN8P1702A
CHIP SN8P1702AOTP
SN8A1703A
DIP20/SOP20 /SSOP20 SN8P1703A
CHIP SN8P1703A
ADC GRADE TABLE
CHIP
PARAMETER
MIN
MAX
UNITS
Resolution
12
Bits
No Mission Code
8
12
Bits
SN8P1702A
SN8P1703A
Differential No linearity (DNL)
16
LSB
Resolution
12
Bits
No Mission Code
10
12
Bits
SN8P1702A-12
SN8P1703A-12
Differential No linearity (DNL)
4
LSB
Table 1-2. ADC Grade Table


Similar Part No. - SN8A1702A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8A1702A SONIX-SN8A1702A Datasheet
788Kb / 145P
   8-Bit Micro-Controller
SN8A1702AP SONIX-SN8A1702AP Datasheet
788Kb / 145P
   8-Bit Micro-Controller
SN8A1702AS SONIX-SN8A1702AS Datasheet
788Kb / 145P
   8-Bit Micro-Controller
SN8A1702AX SONIX-SN8A1702AX Datasheet
788Kb / 145P
   8-Bit Micro-Controller
More results

Similar Description - SN8A1702A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com