Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3202 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202 Datasheet(HTML) 3 Page - Texas Instruments

  TAS3202 Datasheet HTML 1Page - Texas Instruments TAS3202 Datasheet HTML 2Page - Texas Instruments TAS3202 Datasheet HTML 3Page - Texas Instruments TAS3202 Datasheet HTML 4Page - Texas Instruments TAS3202 Datasheet HTML 5Page - Texas Instruments TAS3202 Datasheet HTML 6Page - Texas Instruments TAS3202 Datasheet HTML 7Page - Texas Instruments TAS3202 Datasheet HTML 8Page - Texas Instruments TAS3202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
1
Introduction
.............................................. 1
7.2
DAP Data Word Structure
.......................... 34
1.1
Features
.............................................. 1
8
Electrical Specifications
............................. 36
1.2
Applications
.......................................... 1
8.1
Absolute Maximum Ratings
........................ 36
1.3
Description
........................................... 1
8.2
Package Dissipation Ratings
....................... 36
1.4
Ordering Information
................................. 2
8.3
Recommended Operating Conditions
.............. 36
2
Functional Description
................................. 4
8.4
Electrical Characteristics
........................... 37
2.1
Analog Input/Mux/Stereo ADC
....................... 4
8.5
Audio Specifications
................................ 38
2.2
Stereo DAC
.......................................... 4
8.6
Timing Characteristics
.............................. 40
2.3
Analog Reference System
........................... 4
8.7
Master Clock
........................................ 40
2.4
Power Supply
........................................ 4
8.8
Serial Audio Port, Slave Mode
..................... 41
2.5
Clocks, Digital Phase-Locked Loop (PLL), and
8.9
Serial Audio Port, Master Mode (TAS3202)
........ 42
Serial Data Interface
................................. 5
8.10
Pin-Related Characteristics of the SDA and SCL I/O
2.6
I2C Control Interface
................................. 6
Stages for F/S-Mode I2C-Bus Devices
............. 43
8.11
Bus-Related Characteristics of the SDA and SCL
2.7
8051 Microcontroller
................................. 6
I/O Stages for F/S-Mode I2C-Bus Devices
......... 43
2.8
Audio Digital Signal Processor (DSP) Core
......... 6
8.12
Reset Timing
....................................... 45
3
Physical Characteristics
............................... 7
9
I
2C Register Map
....................................... 46
3.1
Terminal Assignments
............................... 7
9.1
Clock Control Register (0x00)
...................... 47
3.2
Terminal Descriptions
................................ 8
9.2
Status Register (0x02)
.............................. 48
3.3
Reset (RESET) Power-Up Sequence
.............. 10
9.3
I2C Memory Load Control and Memory Load Data
3.4
Voltage Regulator Enable (VREG_EN)
............ 10
Registers (0x04 and 0x05)
......................... 49
3.5
Power-On Reset (RESET)
.......................... 10
9.4
Memory Access Registers (0x06 and 0x07)
........ 50
3.6
Power Down (PDN)
................................. 11
9.5
Device Version (0x08)
.............................. 51
3.7
I2C Chip Select (CS0)
.............................. 11
9.6
Analog Power Down Control (0x10 and 0x11)
..... 51
3.8
Programmable General-Purpose I/O (GPIO)
....... 11
9.7
Analog Input Control (0x12)
........................ 52
3.9
Input and Output Serial Audio Ports
................ 11
9.8
ADC Dynamic Element Matching (0x13)
........... 52
4
Algorithm and Software Development Tools for
9.9
ADC Current Control Select (0x17, 0x18)
.......... 53
TAS3202
................................................. 17
9.10
DAC Control (0x1A, 0x1B, 0x1D)
................... 55
5
Clock Controls
......................................... 18
9.11
ADC and DAC Reset (0x1E)
....................... 57
6
Microprocessor Controller
.......................... 20
6.1
8051 Microprocessor Addressing Mode
............ 20
9.12
ADC Input Gain Control (0x1F)
..................... 57
6.2
General I2C Operations
............................. 21
9.13
MCLK_OUT Divider (0x21 and 0x22)
.............. 58
6.3
I2C Slave-Mode Operation
......................... 23
9.14
Digital Cross Bar (0x30 to 0x3F)
................... 58
6.4
I2C Master-Mode Device Initialization
.............. 25
10
Application Information
.............................. 61
7
Digital Audio Processor (DAP) Arithmetic Unit
10.1
Schematics
......................................... 61
............................................................. 32
10.2
Recommended Oscillator Circuit
................... 63
7.1
DAP Instructions Set
............................... 34
Copyright © 2009–2011, Texas Instruments Incorporated
Contents
3
Submit Documentation Feedback
Product Folder Link(s): TAS3202


Similar Part No. - TAS3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204PAG TI-TAS3204PAG Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204PAGR TI-TAS3204PAGR Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results

Similar Description - TAS3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
[Old version datasheet]   ANALOG INTERFACE FOR DSP
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
   Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TCM320AC46 TI1-TCM320AC46 Datasheet
254Kb / 19P
[Old version datasheet]   GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com