Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5518C Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5518C
Description  8-Channel Digital Audio PWM Processor
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5518C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5518C Datasheet HTML 6Page - Texas Instruments TAS5518C Datasheet HTML 7Page - Texas Instruments TAS5518C Datasheet HTML 8Page - Texas Instruments TAS5518C Datasheet HTML 9Page - Texas Instruments TAS5518C Datasheet HTML 10Page - Texas Instruments TAS5518C Datasheet HTML 11Page - Texas Instruments TAS5518C Datasheet HTML 12Page - Texas Instruments TAS5518C Datasheet HTML 13Page - Texas Instruments TAS5518C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
1.2
Overview
TAS5518C
8-Channel Digital Audio PWM Processor
SLES238A – SEPTEMBER 2008 – REVISED JULY 2009
www.ti.com
Support for Enhanced Dynamic Range in
Adjustable Modulation Limit
High-Performance Applications
The TAS5518C is an 8-channel digital pulse-width modulator (PWM) that provides both advanced
performance and a high level of system integration. The TAS5518C is designed to interface seamlessly
with most audio digital signal processors. The TAS5518C automatically adjusts control configurations in
response to clock and data rate changes and idle conditions. This enables the TAS5518C to provide an
easy-to-use control interface with relaxed timing requirements.
The TAS5518C can drive eight channels of H-bridge power stages. Texas Instruments power stage parts
TAS5111, TAS5112, or TAS5182 with FETs are designed to work seamlessly with the TAS5518C. The
TAS5518C supports either the single-ended or bridge-tied-load configuration. The TAS5518C also
provides a high-performance, differential output to drive an external, differential-input, analog headphone
amplifier (such as the TPA112).
The TAS5518C uses AD modulation operating at a 384-kHz switching rate for 48-, 96-, and 192-kHz data.
The 8
× oversampling combined with the fifth-order noise shaper provides a broad, flat noise floor and
excellent dynamic range from 20 Hz to 20 kHz.
The TAS5518C is a clocked slave-only device. The TAS5518C receives MCLK, SCLK, and LRCLK from
other system components. The TAS5518C accepts master clock rates of 128, 192, 256, 384, 512, and
768 fS. The TAS5518C accepts a 64-fS bit clock.
The TAS5518C allows for extending the dynamic range by providing a power-supply, volume-control
(PSVC) output signal.
Introduction
10
Submit Documentation Feedback
Not Recommended For New Designs


Similar Part No. - TAS5518C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5518 TI-TAS5518 Datasheet
1Mb / 102P
[Old version datasheet]   TAS5518 8 Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518 Datasheet
1Mb / 103P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5518PAG TI-TAS5518PAG Datasheet
1Mb / 102P
[Old version datasheet]   TAS5518 8 Channel Digital Audio PWM Processor
TAS5518PAG TI-TAS5518PAG Datasheet
1Mb / 103P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5518PAGG4 TI-TAS5518PAGG4 Datasheet
1Mb / 103P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
More results

Similar Description - TAS5518C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508B TI-TAS5508B Datasheet
1Mb / 106P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518_06 Datasheet
1Mb / 103P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508A TI-TAS5508A Datasheet
1Mb / 99P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5028 TI-TAS5028 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508B TI1-TAS5508B_17 Datasheet
1Mb / 104P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508C TI-TAS5508C Datasheet
1Mb / 107P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518 Datasheet
1Mb / 102P
[Old version datasheet]   TAS5518 8 Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com