Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5436AIZQWR Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430F5436AIZQWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5436AIZQWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F5436AIZQWR Datasheet HTML 6Page - Texas Instruments MSP430F5436AIZQWR Datasheet HTML 7Page - Texas Instruments MSP430F5436AIZQWR Datasheet HTML 8Page - Texas Instruments MSP430F5436AIZQWR Datasheet HTML 9Page - Texas Instruments MSP430F5436AIZQWR Datasheet HTML 10Page - Texas Instruments MSP430F5436AIZQWR Datasheet HTML 11Page - Texas Instruments MSP430F5436AIZQWR Datasheet HTML 12Page - Texas Instruments MSP430F5436AIZQWR Datasheet HTML 13Page - Texas Instruments MSP430F5436AIZQWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
MSP430F543xA, MSP430F541xA
SLAS655B – JANUARY 2010 – REVISED OCTOBER 2010
www.ti.com
Table 3. TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
PN
ZQW
General-purpose digital I/O
Clock signal input – USCI_B2 SPI slave mode
P9.3/UCB2CLK/UCA2STE
71
N/A
E9
I/O
Clock signal output – USCI_B2 SPI master mode
Slave transmit enable – USCI_A2 SPI mode
General-purpose digital I/O
P9.4/UCA2TXD/UCA2SIMO
72
N/A
C11
I/O
Transmit data – USCI_A2 UART mode
Slave in, master out – USCI_A2 SPI mode
General-purpose digital I/O
P9.5/UCA2RXD/UCA2SOMI
73
N/A
B12
I/O
Receive data – USCI_A2 UART mode
Slave out, master in – USCI_A2 SPI mode
P9.6
74
N/A
B11
I/O
General-purpose digital I/O
P9.7
75
N/A
A12
I/O
General-purpose digital I/O
General-purpose digital I/O
Slave transmit enable – USCI_B3 SPI mode
P10.0/UCB3STE/UCA3CLK
76
N/A
D9
I/O
Clock signal input – USCI_A3 SPI slave mode
Clock signal output – USCI_A3 SPI master mode
General-purpose digital I/O
P10.1/UCB3SIMO/UCB3SDA
77
N/A
A11
I/O
Slave in, master out – USCI_B3 SPI mode
I2C data – USCI_B3 I2C mode
General-purpose digital I/O
P10.2/UCB3SOMI/UCB3SCL
78
N/A
D8
I/O
Slave out, master in – USCI_B3 SPI mode
I2C clock – USCI_B3 I2C mode
General-purpose digital I/O
Clock signal input – USCI_B3 SPI slave mode
P10.3/UCB3CLK/UCA3STE
79
N/A
B10
I/O
Clock signal output – USCI_B3 SPI master mode
Slave transmit enable – USCI_A3 SPI mode
General-purpose digital I/O
P10.4/UCA3TXD/UCA3SIMO
80
N/A
A10
I/O
Transmit data – USCI_A3 UART mode
Slave in, master out – USCI_A3 SPI mode
General-purpose digital I/O
P10.5/UCA3RXD/UCA3SOMI
81
N/A
B9
I/O
Receive data – USCI_A3 UART mode
Slave out, master in – USCI_A3 SPI mode
P10.6
82
N/A
A9
I/O
General-purpose digital I/O
P10.7
83
N/A
B8
I/O
General-purpose digital I/O
General-purpose digital I/O
P11.0/ACLK
84
N/A
A8
I/O
ACLK output (divided by 1, 2, 4, 8, 16, or 32)
General-purpose digital I/O
P11.1/MCLK
85
N/A
D7
I/O
MCLK output
General-purpose digital I/O
P11.2/SMCLK
86
N/A
A7
I/O
SMCLK output
DVCC4
87
67
B7
Digital power supply
DVSS4
88
68
B6
Digital ground supply
General-purpose digital I/O
P5.2/XT2IN
89
69
A6
I/O
Input terminal for crystal oscillator XT2
General-purpose digital I/O
P5.3/XT2OUT
90
70
A5
I/O
Output terminal of crystal oscillator XT2
Test mode pin – Selects four wire JTAG operation.
TEST/SBWTCK(3)
91
71
D6
I
Spy-Bi-Wire input clock when Spy-Bi-Wire operation activated
General-purpose digital I/O
PJ.0/TDO(4)
92
72
B5
I/O
JTAG test data output port
General-purpose digital I/O
PJ.1/TDI/TCLK(4)
93
73
A4
I/O
JTAG test data input or test clock input
(3)
Please refer to Bootstrap Loader (BSL) and JTAG Operation for usage with BSL and JTAG functions
(4)
Please refer to JTAG Operation for usage with JTAG function.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - MSP430F5436AIZQWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5436AIZQWR TI-MSP430F5436AIZQWR Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5436AIZQWR TI1-MSP430F5436AIZQWR Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5436AIZQWR TI1-MSP430F5436AIZQWR Datasheet
1Mb / 108P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5436AIZQWR TI-MSP430F5436AIZQWR Datasheet
3Mb / 118P
[Old version datasheet]   MSP430F543xA, MSP430F541xA Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5436AIZQWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com