Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5437AIPN Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5437AIPN
Description  MIXED SIGNAL MICROCONTROLLER
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5437AIPN Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F5437AIPN Datasheet HTML 5Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 6Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 7Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 8Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 9Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 10Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 11Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 12Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
MSP430F543xA, MSP430F541xA
www.ti.com
SLAS655B – JANUARY 2010 – REVISED OCTOBER 2010
Table 3. TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
PN
ZQW
General-purpose digital I/O
P4.6/TB0.6
49
52
M11
I/O
TB0 capture CCR6: CCI6A/CCI6B input, compare: Out6 output
General-purpose digital I/O
P4.7/TB0CLK/SMCLK
50
53
M12
I/O
TB0 clock input
SMCLK output
General-purpose digital I/O
P5.4/UCB1SOMI/UCB1SCL
51
54
L12
I/O
Slave out, master in – USCI_B1 SPI mode
I2C clock – USCI_B1 I2C mode
General-purpose digital I/O
Clock signal input – USCI_B1 SPI slave mode
P5.5/UCB1CLK/UCA1STE
52
55
J9
I/O
Clock signal output – USCI_B1 SPI master mode
Slave transmit enable – USCI_A1 SPI mode
General-purpose digital I/O
P5.6/UCA1TXD/UCA1SIMO
53
56
K11
I/O
Transmit data – USCI_A1 UART mode
Slave in, master out – USCI_A1 SPI mode
General-purpose digital I/O
P5.7/UCA1RXD/UCA1SOMI
54
57
K12
I/O
Receive data – USCI_A1 UART mode
Slave out, master in – USCI_A1 SPI mode
General-purpose digital I/O
P7.2/TB0OUTH/SVMOUT
55
58
J11
I/O
Switch all PWM outputs high impedance – Timer TB0
SVM output
General-purpose digital I/O
P7.3/TA1.2
56
59
J12
I/O
TA1 CCR2 capture: CCI2B input, compare: Out2 output
General-purpose digital I/O
P8.0/TA0.0
57
60
H9
I/O
TA0 CCR0 capture: CCI0B input, compare: Out0 output
General-purpose digital I/O
P8.1/TA0.1
58
61
H11
I/O
TA0 CCR1 capture: CCI1B input, compare: Out1 output
General-purpose digital I/O
P8.2/TA0.2
59
62
H12
I/O
TA0 CCR2 capture: CCI2B input, compare: Out2 output
General-purpose digital I/O
P8.3/TA0.3
60
63
G9
I/O
TA0 CCR3 capture: CCI3B input, compare: Out3 output
General-purpose digital I/O
P8.4/TA0.4
61
64
G11
I/O
TA0 CCR4 capture: CCI4B input, compare: Out4 output
Regulated core power supply output (internal usage only, no external current
VCORE(2)
62
49
G12
loading)
DVSS2
63
50
F12
Digital ground supply
DVCC2
64
51
E12
Digital power supply
General-purpose digital I/O
P8.5/TA1.0
65
65
F11
I/O
TA1 CCR0 capture: CCI0B input, compare: Out0 output
General-purpose digital I/O
P8.6/TA1.1
66
66
E11
I/O
TA1 CCR1 capture: CCI1B input, compare: Out1 output
P8.7
67
N/A
D12
I/O
General-purpose digital I/O
General-purpose digital I/O
Slave transmit enable – USCI_B2 SPI mode
P9.0/UCB2STE/UCA2CLK
68
N/A
D11
I/O
Clock signal input – USCI_A2 SPI slave mode
Clock signal output – USCI_A2 SPI master mode
General-purpose digital I/O
P9.1/UCB2SIMO/UCB2SDA
69
N/A
F9
I/O
Slave in, master out – USCI_B2 SPI mode
I2C data – USCI_B2 I2C mode
General-purpose digital I/O
P9.2/UCB2SOMI/UCB2SCL
70
N/A
C12
I/O
Slave out, master in – USCI_B2 SPI mode
I2C clock – USCI_B2 I2C mode
(2)
VCORE is for internal usage only. No external current loading is possible. VCORE should only be connected to the recommended
capacitor value, CVCORE.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - MSP430F5437AIPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5437AIPN TI-MSP430F5437AIPN Datasheet
786Kb / 88P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5437AIPN TI-MSP430F5437AIPN Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5437AIPN TI-MSP430F5437AIPN Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5437AIPN TI-MSP430F5437AIPN Datasheet
1,010Kb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5437AIPN TI1-MSP430F5437AIPN Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5437AIPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com