Electronic Components Datasheet Search |
|
MSP430F5437AIPN Datasheet(PDF) 10 Page - Texas Instruments |
|
|
MSP430F5437AIPN Datasheet(HTML) 10 Page - Texas Instruments |
10 / 104 page MSP430F543xA, MSP430F541xA SLAS655B – JANUARY 2010 – REVISED OCTOBER 2010 www.ti.com Table 3. TERMINAL FUNCTIONS (continued) TERMINAL NO. I/O(1) DESCRIPTION NAME PZ PN ZQW General-purpose digital I/O Clock signal input – USCI_B2 SPI slave mode P9.3/UCB2CLK/UCA2STE 71 N/A E9 I/O Clock signal output – USCI_B2 SPI master mode Slave transmit enable – USCI_A2 SPI mode General-purpose digital I/O P9.4/UCA2TXD/UCA2SIMO 72 N/A C11 I/O Transmit data – USCI_A2 UART mode Slave in, master out – USCI_A2 SPI mode General-purpose digital I/O P9.5/UCA2RXD/UCA2SOMI 73 N/A B12 I/O Receive data – USCI_A2 UART mode Slave out, master in – USCI_A2 SPI mode P9.6 74 N/A B11 I/O General-purpose digital I/O P9.7 75 N/A A12 I/O General-purpose digital I/O General-purpose digital I/O Slave transmit enable – USCI_B3 SPI mode P10.0/UCB3STE/UCA3CLK 76 N/A D9 I/O Clock signal input – USCI_A3 SPI slave mode Clock signal output – USCI_A3 SPI master mode General-purpose digital I/O P10.1/UCB3SIMO/UCB3SDA 77 N/A A11 I/O Slave in, master out – USCI_B3 SPI mode I2C data – USCI_B3 I2C mode General-purpose digital I/O P10.2/UCB3SOMI/UCB3SCL 78 N/A D8 I/O Slave out, master in – USCI_B3 SPI mode I2C clock – USCI_B3 I2C mode General-purpose digital I/O Clock signal input – USCI_B3 SPI slave mode P10.3/UCB3CLK/UCA3STE 79 N/A B10 I/O Clock signal output – USCI_B3 SPI master mode Slave transmit enable – USCI_A3 SPI mode General-purpose digital I/O P10.4/UCA3TXD/UCA3SIMO 80 N/A A10 I/O Transmit data – USCI_A3 UART mode Slave in, master out – USCI_A3 SPI mode General-purpose digital I/O P10.5/UCA3RXD/UCA3SOMI 81 N/A B9 I/O Receive data – USCI_A3 UART mode Slave out, master in – USCI_A3 SPI mode P10.6 82 N/A A9 I/O General-purpose digital I/O P10.7 83 N/A B8 I/O General-purpose digital I/O General-purpose digital I/O P11.0/ACLK 84 N/A A8 I/O ACLK output (divided by 1, 2, 4, 8, 16, or 32) General-purpose digital I/O P11.1/MCLK 85 N/A D7 I/O MCLK output General-purpose digital I/O P11.2/SMCLK 86 N/A A7 I/O SMCLK output DVCC4 87 67 B7 Digital power supply DVSS4 88 68 B6 Digital ground supply General-purpose digital I/O P5.2/XT2IN 89 69 A6 I/O Input terminal for crystal oscillator XT2 General-purpose digital I/O P5.3/XT2OUT 90 70 A5 I/O Output terminal of crystal oscillator XT2 Test mode pin – Selects four wire JTAG operation. TEST/SBWTCK(3) 91 71 D6 I Spy-Bi-Wire input clock when Spy-Bi-Wire operation activated General-purpose digital I/O PJ.0/TDO(4) 92 72 B5 I/O JTAG test data output port General-purpose digital I/O PJ.1/TDI/TCLK(4) 93 73 A4 I/O JTAG test data input or test clock input (3) Please refer to Bootstrap Loader (BSL) and JTAG Operation for usage with BSL and JTAG functions (4) Please refer to JTAG Operation for usage with JTAG function. 10 Submit Documentation Feedback Copyright © 2010, Texas Instruments Incorporated |
Similar Part No. - MSP430F5437AIPN |
|
Similar Description - MSP430F5437AIPN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |