Electronic Components Datasheet Search |
|
MSP430F5438ACYS Datasheet(PDF) 9 Page - Texas Instruments |
|
MSP430F5438ACYS Datasheet(HTML) 9 Page - Texas Instruments |
9 / 104 page MSP430F543xA, MSP430F541xA www.ti.com SLAS655B – JANUARY 2010 – REVISED OCTOBER 2010 Table 3. TERMINAL FUNCTIONS (continued) TERMINAL NO. I/O(1) DESCRIPTION NAME PZ PN ZQW General-purpose digital I/O P4.6/TB0.6 49 52 M11 I/O TB0 capture CCR6: CCI6A/CCI6B input, compare: Out6 output General-purpose digital I/O P4.7/TB0CLK/SMCLK 50 53 M12 I/O TB0 clock input SMCLK output General-purpose digital I/O P5.4/UCB1SOMI/UCB1SCL 51 54 L12 I/O Slave out, master in – USCI_B1 SPI mode I2C clock – USCI_B1 I2C mode General-purpose digital I/O Clock signal input – USCI_B1 SPI slave mode P5.5/UCB1CLK/UCA1STE 52 55 J9 I/O Clock signal output – USCI_B1 SPI master mode Slave transmit enable – USCI_A1 SPI mode General-purpose digital I/O P5.6/UCA1TXD/UCA1SIMO 53 56 K11 I/O Transmit data – USCI_A1 UART mode Slave in, master out – USCI_A1 SPI mode General-purpose digital I/O P5.7/UCA1RXD/UCA1SOMI 54 57 K12 I/O Receive data – USCI_A1 UART mode Slave out, master in – USCI_A1 SPI mode General-purpose digital I/O P7.2/TB0OUTH/SVMOUT 55 58 J11 I/O Switch all PWM outputs high impedance – Timer TB0 SVM output General-purpose digital I/O P7.3/TA1.2 56 59 J12 I/O TA1 CCR2 capture: CCI2B input, compare: Out2 output General-purpose digital I/O P8.0/TA0.0 57 60 H9 I/O TA0 CCR0 capture: CCI0B input, compare: Out0 output General-purpose digital I/O P8.1/TA0.1 58 61 H11 I/O TA0 CCR1 capture: CCI1B input, compare: Out1 output General-purpose digital I/O P8.2/TA0.2 59 62 H12 I/O TA0 CCR2 capture: CCI2B input, compare: Out2 output General-purpose digital I/O P8.3/TA0.3 60 63 G9 I/O TA0 CCR3 capture: CCI3B input, compare: Out3 output General-purpose digital I/O P8.4/TA0.4 61 64 G11 I/O TA0 CCR4 capture: CCI4B input, compare: Out4 output Regulated core power supply output (internal usage only, no external current VCORE(2) 62 49 G12 loading) DVSS2 63 50 F12 Digital ground supply DVCC2 64 51 E12 Digital power supply General-purpose digital I/O P8.5/TA1.0 65 65 F11 I/O TA1 CCR0 capture: CCI0B input, compare: Out0 output General-purpose digital I/O P8.6/TA1.1 66 66 E11 I/O TA1 CCR1 capture: CCI1B input, compare: Out1 output P8.7 67 N/A D12 I/O General-purpose digital I/O General-purpose digital I/O Slave transmit enable – USCI_B2 SPI mode P9.0/UCB2STE/UCA2CLK 68 N/A D11 I/O Clock signal input – USCI_A2 SPI slave mode Clock signal output – USCI_A2 SPI master mode General-purpose digital I/O P9.1/UCB2SIMO/UCB2SDA 69 N/A F9 I/O Slave in, master out – USCI_B2 SPI mode I2C data – USCI_B2 I2C mode General-purpose digital I/O P9.2/UCB2SOMI/UCB2SCL 70 N/A C12 I/O Slave out, master in – USCI_B2 SPI mode I2C clock – USCI_B2 I2C mode (2) VCORE is for internal usage only. No external current loading is possible. VCORE should only be connected to the recommended capacitor value, CVCORE. Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 9 |
Similar Part No. - MSP430F5438ACYS |
|
Similar Description - MSP430F5438ACYS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |