Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5438AIZQWT Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430F5438AIZQWT
Description  MIXED SIGNAL MICROCONTROLLER
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5438AIZQWT Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5438AIZQWT Datasheet HTML 1Page - Texas Instruments MSP430F5438AIZQWT Datasheet HTML 2Page - Texas Instruments MSP430F5438AIZQWT Datasheet HTML 3Page - Texas Instruments MSP430F5438AIZQWT Datasheet HTML 4Page - Texas Instruments MSP430F5438AIZQWT Datasheet HTML 5Page - Texas Instruments MSP430F5438AIZQWT Datasheet HTML 6Page - Texas Instruments MSP430F5438AIZQWT Datasheet HTML 7Page - Texas Instruments MSP430F5438AIZQWT Datasheet HTML 8Page - Texas Instruments MSP430F5438AIZQWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
MSP430F543xA, MSP430F541xA
www.ti.com
SLAS655B – JANUARY 2010 – REVISED OCTOBER 2010
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
Low Supply Voltage Range: 1.8 V to 3.6 V
Unified Clock System
Ultralow Power Consumption
FLL Control Loop for Frequency
Stabilization
Active Mode (AM):
All System Clocks Active
Low-Power/Low-Frequency Internal Clock
230 µA/MHz at 8 MHz, 3.0 V, Flash Program
Source (VLO)
Execution (Typical)
Low-Frequency Trimmed Internal Reference
110 µA/MHz at 8 MHz, 3.0 V, RAM Program
Source (REFO)
Execution (Typical)
32-kHz Crystals
Standby Mode (LPM3):
High-Frequency Crystals up to 32 MHz
Real-Time Clock With Crystal , Watchdog,
16-Bit Timer TA0, Timer_A With Five
and Supply Supervisor Operational, Full
Capture/Compare Registers
RAM Retention, Fast Wake-Up:
16-Bit Timer TA1, Timer_A With Three
1.7 µA at 2.2 V, 2.1 µA at 3.0 V (Typical)
Capture/Compare Registers
Low-Power Oscillator (VLO),
General-Purpose Counter, Watchdog, and
16-Bit Timer TB0, Timer_B With Seven
Supply Supervisor Operational, Full RAM
Capture/Compare Shadow Registers
Retention, Fast Wake-Up:
Up to Four Universal Serial Communication
1.2 µA at 3.0 V (Typical)
Interfaces
Off Mode (LPM4):
USCI_A0, USCI_A1, USCI_A2, and USCI_A3
Full RAM Retention, Supply Supervisor
Each Supporting
Operational, Fast Wake-Up:
Enhanced UART supporting
1.2 µA at 3.0 V (Typical)
Auto-Baudrate Detection
Shutdown Mode (LPM4.5):
IrDA Encoder and Decoder
0.1 µA at 3.0 V (Typical)
Synchronous SPI
Wake-Up From Standby Mode in Less Than
USCI_B0, USCI_B1, USCI_B2, and USCI_B3
5 µs
Each Supporting
16-Bit RISC Architecture
I2CTM
Extended Memory
Synchronous SPI
Up to 25-MHz System Clock
12-Bit Analog-to-Digital (A/D) Converter
Flexible Power Management System
Internal Reference
Fully Integrated LDO With Programmable
Sample-and-Hold
Regulated Core Supply Voltage
Autoscan Feature
Supply Voltage Supervision, Monitoring,
14 External Channels, 2 Internal Channels
and Brownout
Hardware Multiplier Supporting 32-Bit
Operations
Serial Onboard Programming, No External
Programming Voltage Needed
Three Channel Internal DMA
Basic Timer With Real-Time Clock Feature
Family Members are Summarized in Table 1
For Complete Module Descriptions, See the
MSP430x5xx Family User's Guide (SLAU208)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F5438AIZQWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5438AIZQWT TI-MSP430F5438AIZQWT Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5438AIZQWT TI1-MSP430F5438AIZQWT Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5438AIZQWT TI1-MSP430F5438AIZQWT Datasheet
1Mb / 108P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5438AIZQWT TI-MSP430F5438AIZQWT Datasheet
3Mb / 118P
[Old version datasheet]   MSP430F543xA, MSP430F541xA Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5438AIZQWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com