Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2089-350 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2089-350
Description  High Voltage Mini-2-Electrode Gas Discharge Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2089-350 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2089-350 Datasheet HTML 1Page - Bourns Electronic Solutions 2089-350 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2089 Series High Voltage Mini-2-Electrode Gas Discharge Tube
REV. A 0
6/12
Product Dimensions
5.5 +0.3/-0.5
(.217 + .012/-.020)
DIA.
6.0 +0.3/-0.5
(.236 +.012/-.020)
20
(0.78)
LONG
2 PLCS.
MIN.
0.8 ± 0.05
(.031 ± .002)
DIA.
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
Model 2089 ships standard bulk, 100 pcs. per tray; 5 trays per box (500 units). The optional reelpack (-BT1) contains 500 pcs. per reel;
2 reels per box (1K units).
How to Order
2089 - xxx - B T1 LF
Model Number Designator
Voltage (Divided by 10)
100 = 1000 V
250 = 2500 V
120 = 1200 V
300 = 3000 V
140 = 1400 V
350 = 3500 V
160 = 1600 V
360 = 3600 V
200 = 2000 V
Leads
B = 0.8 mm
Packaging
(Blank) = Bulk Packaging (Standard)
T1 = Reelpack (Optional)
RoHS Compliancy
LF = RoHS Compliant Product
6.0 + 1.4
(.236 +.055)
MAX.
10.0 ± 0.5
(.394 ± .020)
52 ± 2
(2.047 ± .079)
64 ± 3
(2.520 ± .118)
330 ± 4.0
(12.992 ± .157)
DIA.
1.5
(.059)
TYP.
TYP.
TYP.
100.0
(3.937)
68.0
(2.677)
DIMENSIONS:
MM
(INCHES)
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - 2089-350

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2089-6201-00 MA-COM-2089-6201-00 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power Dividers Wilkinson
2089-6201-00 MA-COM-2089-6201-00 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power
2089-6201-00 MA-COM-2089-6201-00 Datasheet
425Kb / 4P
   Excellent Amplitude and Phase Balance
2089-6202-00 MA-COM-2089-6202-00 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power Dividers Wilkinson
2089-6202-00 MA-COM-2089-6202-00 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power
More results

Similar Description - 2089-350

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2087-80 BOURNS-2087-80_15 Datasheet
208Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
2087 BOURNS-2087 Datasheet
234Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
2087-80 BOURNS-2087-80 Datasheet
253Kb / 2P
   High Voltage Mini-2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100 Datasheet
236Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80 Datasheet
284Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100_15 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80_15 Datasheet
237Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2097-100 BOURNS-2097-100 Datasheet
164Kb / 2P
   High-Voltage 2-Electrode Gas Discharge Tube
2093 BOURNS-2093 Datasheet
238Kb / 2P
   High Voltage 2-Electrode Gas Discharge Tube
2087-150-SM-RPLF BOURNS-2087-150-SM-RPLF Datasheet
202Kb / 2P
   2087 Series High Voltage Mini-2-Electrode Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com