Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA7408 Datasheet(PDF) 7 Page - Texas Instruments

Part # TCA7408
Description  Low-Voltage 8-Bit I2C and SMBus I/O Expander with Interrupt Output, RESET, I/ODirection Registers, and Programmable Pull-up/Pull-down
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA7408 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCA7408 Datasheet HTML 3Page - Texas Instruments TCA7408 Datasheet HTML 4Page - Texas Instruments TCA7408 Datasheet HTML 5Page - Texas Instruments TCA7408 Datasheet HTML 6Page - Texas Instruments TCA7408 Datasheet HTML 7Page - Texas Instruments TCA7408 Datasheet HTML 8Page - Texas Instruments TCA7408 Datasheet HTML 9Page - Texas Instruments TCA7408 Datasheet HTML 10Page - Texas Instruments TCA7408 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TCA7408
www.ti.com
SCPS235
– NOVEMBER 2011
REGISTER MAP
CONTROL REGISTER BITS
COMMAND
POWER-UP
REGISTER
PROTOCOL
BYTE (HEX)
DEFAULT
B7
B6
B5
B4
B3
B2
B1
B0
AI
0
0
0
0
0
0
1
01h
Device ID and Control
Read (B7-B1) Write (B0)
0100 0010
AI
0
0
0
0
0
1
1
03h
I/O Direction
Read/write byte
0000 0000
AI
0
0
0
0
1
0
1
05h
Output State
Read/write byte
0000 0000
AI
0
0
0
0
1
1
1
07h
Output High-Impedance
Read/write byte
1111 1111
AI
0
0
0
1
0
0
1
09h
Input Default State
Read/write byte
0000 0000
AI
0
0
0
1
0
1
1
0Bh
Pull-up/down Enable
Read/write byte
1111 1111
AI
0
0
0
1
1
0
1
0Dh
Pull-up/down Select
Read/write byte
0000 0000
AI
0
0
0
1
1
1
1
0Fh
Input Status
Read byte
xxxx xxxx
AI
0
0
1
0
0
0
1
11h
Interrupt Mask
Read/write byte
0000 0000
AI
0
0
1
0
0
1
1
13h
Interrupt Status
Read byte
0000 0000
REGISTER DESCRIPTIONS
Register 01h
– Device ID and Control
The Device ID and Control register contains the manufacturer ID and firmware revision. The Control register
indicates whether the device has been reset and the default values have been set.
The Reset Interrupt is set B1=1 when the device is either reset by the RESET pin, a power on reset, or
software reset.
Reset Interrupt is then cleared after being read by the master.
Writing to B7
–B1 has no effect on these bits in the register.
A software reset is issued when the master writes B0=1.
When reading from B0, the value read will always be 0.
BIT
B7
B6
B5
B4
B3
B2
B1
B0
DESCRIPTION
Manufacturer ID
Firmware Revision
Reset Interrupt
Software Reset
DEFAULT
0
1
0
0
0
0
1
0
Register 03h
– I/O Direction
The I/O Direction Register configures the direction of the I/O pins.
If a bit in this register is set to 0, the corresponding port pin is enabled as an input
If a bit in this register is set to 1, the corresponding port pin is enabled as an output.
When the port is set as an output the input buffers are disabled such that the bus can float.
BIT
B7
B6
B5
B4
B3
B2
B1
B0
DESCRIPTION
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
DEFAULT
0
0
0
0
0
0
0
0
Register 05h
– Output Port Register
The Output Port Register sets the outgoing logic levels of the pins defined as outputs.
When Bx is set to 0, GPIOx = L
When Bx is set to 1, GPIOx = H
Bit values in this register have no effect on pins defined as inputs
Reads from this register reflect the value that is in the flip-flop controlling the output selection, not the actual
pin value.
BIT
B7
B6
B5
B4
B3
B2
B1
B0
DESCRIPTION
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
DEFAULT
0
0
0
0
0
0
0
0
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TCA7408


Similar Part No. - TCA7408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA7408EVM TI1-TCA7408EVM Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
TCA7408ZSZ TI1-TCA7408ZSZ Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
TCA7408ZSZ TI1-TCA7408ZSZ Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
More results

Similar Description - TCA7408

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NCA9595 NEXPERIA-NCA9595 Datasheet
436Kb / 30P
   Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors
Rev. 1 - 25 April 2023
NCA9595-Q100 NEXPERIA-NCA9595-Q100 Datasheet
474Kb / 30P
   Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors
Rev. 1 - 25 April 2023
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com