Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5636IZQWT Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430F5636IZQWT
Description  MIXED SIGNAL MICROCONTROLLER
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5636IZQWT Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5636IZQWT Datasheet HTML 1Page - Texas Instruments MSP430F5636IZQWT Datasheet HTML 2Page - Texas Instruments MSP430F5636IZQWT Datasheet HTML 3Page - Texas Instruments MSP430F5636IZQWT Datasheet HTML 4Page - Texas Instruments MSP430F5636IZQWT Datasheet HTML 5Page - Texas Instruments MSP430F5636IZQWT Datasheet HTML 6Page - Texas Instruments MSP430F5636IZQWT Datasheet HTML 7Page - Texas Instruments MSP430F5636IZQWT Datasheet HTML 8Page - Texas Instruments MSP430F5636IZQWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
MSP430F563x
www.ti.com
SLAS650C – JUNE 2010 – REVISED AUGUST 2012
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
2
Low Supply Voltage Range: 1.8 V to 3.6 V
Capture/Compare Registers
Ultralow Power Consumption
Two Universal Serial Communication
Interfaces
Active Mode (AM):
All System Clocks Active:
USCI_A0 and USCI_A1 Each Support:
270 µA/MHz at 8 MHz, 3.0 V, Flash Program
Enhanced UART Supports Auto-
Execution (Typical)
Baudrate Detection
Standby Mode (LPM3):
IrDA Encoder and Decoder
Watchdog With Crystal, and Supply
Synchronous SPI
Supervisor Operational, Full RAM
USCI_B0 and USCI_B1 Each Support:
Retention, Fast Wake-Up:
I2CTM
1.8 µA at 2.2 V, 2.1 µA at 3.0 V (Typical)
Synchronous SPI
Shutdown RTC Mode (LPM3.5):
Shutdown Mode, Active Real-Time Clock
Full-Speed Universal Serial Bus (USB)
With Crystal:
Integrated USB-PHY
1.1 µA at 3.0 V (Typical)
Integrated 3.3-V and 1.8-V USB Power
Shutdown Mode (LPM4.5):
System
0.3 µA at 3.0 V (Typical)
Integrated USB-PLL
Wake-Up From Standby Mode in 3 µs (Typical)
Eight Input and Eight Output Endpoints
16-Bit RISC Architecture, Extended Memory,
12-Bit Analog-to-Digital (A/D) Converter With
up to 20-MHz System Clock
Internal Shared Reference, Sample-and-Hold,
Flexible Power Management System
and Autoscan Feature
Fully Integrated LDO With Programmable
Dual 12-Bit Digital-to-Analog (D/A) Converters
Regulated Core Supply Voltage
With Synchronization
Supply Voltage Supervision, Monitoring,
Voltage Comparator
and Brownout
Hardware Multiplier Supporting 32-Bit
Unified Clock System
Operations
FLL Control Loop for Frequency
Serial Onboard Programming, No External
Stabilization
Programming Voltage Needed
Low-Power Low-Frequency Internal Clock
Six-Channel Internal DMA
Source (VLO)
Real-Time Clock Module With Supply Voltage
Low-Frequency Trimmed Internal Reference
Backup Switch
Source (REFO)
Family Members are Summarized in Table 1
32-kHz Crystals (XT1)
For Complete Module Descriptions, See the
High-Frequency Crystals Up to 32 MHz
MSP430x5xx and MSP430x6xx Family User's
(XT2)
Guide (SLAU208)
Four 16-Bit Timer With 3, 5, or 7
DESCRIPTION
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in 3 µs (typical).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F5636IZQWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5636IZQW TI-MSP430F5636IZQW Datasheet
1Mb / 101P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5636IZQW TI1-MSP430F5636IZQW Datasheet
1Mb / 106P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
AUGUST2011
MSP430F5636IZQWR TI-MSP430F5636IZQWR Datasheet
1Mb / 101P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5636IZQWR TI1-MSP430F5636IZQWR Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5636IZQWR TI1-MSP430F5636IZQWR Datasheet
1Mb / 106P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
AUGUST2011
More results

Similar Description - MSP430F5636IZQWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com