Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN54012 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN54012
Description  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54012 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN54012 Datasheet HTML 7Page - Fairchild Semiconductor FAN54012 Datasheet HTML 8Page - Fairchild Semiconductor FAN54012 Datasheet HTML 9Page - Fairchild Semiconductor FAN54012 Datasheet HTML 10Page - Fairchild Semiconductor FAN54012 Datasheet HTML 11Page - Fairchild Semiconductor FAN54012 Datasheet HTML 12Page - Fairchild Semiconductor FAN54012 Datasheet HTML 13Page - Fairchild Semiconductor FAN54012 Datasheet HTML 14Page - Fairchild Semiconductor FAN54012 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.2
11
Charge Mode Typical Characteristics
Unless otherwise specified, circuit of Figure 1, VOREG=4.2V, VBUS=5.0V, and TA=25°C.
-
20
40
60
80
100
120
140
160
180
2.5
3
3.5
4
4.5
Battery Voltage, VBAT (V)
5.5VBUS
5.0VBUS
4.5VBUS
-
100
200
300
400
500
600
700
800
900
2.5
3
3.5
4
4.5
Battery Voltage, VBAT (V)
5.5VBUS
5.0VBUS
4.5VBUS
Figure 7. Battery Charge Current vs. VBUS with
IINLIM=100mA
Figure 8. Battery Charge Current vs. VBUS with
IINLIM=500mA
82%
85%
88%
91%
94%
97%
100
300
500
700
900
1100
1300
1500
Battery Charge Current (mA)
4.20VBAT, 4.5VBUS
4.20VBAT, 5.0VBUS
3.54VBAT, 5.0VBUS
3.54VBAT, 4.5VBUS
84%
86%
88%
90%
92%
94%
2.52.7
2.93.1
3.33.5
3.7
3.9
4.14.3
Battery Voltage, VBAT (V)
4.5VBUS
5.0VBUS
5.5VBUS
Figure 9. Charger Efficiency, No IINLIM, IOCHARGE=1,450mA
Figure 10. Charger Efficiency vs. VBUS, IINLIM=500mA
Figure 11. Auto-Charge Startup at VBUS Plug-in,
IINLIM=100mA, OTG=1, VBAT=3.4V
Figure 12. Auto-Charge Startup at VBUS Plug-in,
IINLIM=500mA, OTG=1, VBAT=3.4V


Similar Part No. - FAN54012

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN54012UCX FAIRCHILD-FAN54012UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54012UCX(1) FAIRCHILD-FAN54012UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

Similar Description - FAN54012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com