Electronic Components Datasheet Search |
|
FAN54013UCX Datasheet(PDF) 8 Page - Fairchild Semiconductor |
|
FAN54013UCX Datasheet(HTML) 8 Page - Fairchild Semiconductor |
8 / 37 page © 2011 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN5401X Family • Rev. 1.0.2 8 Electrical Specifications Unless otherwise specified: according to the circuit of Figure 1; recommended operating temperature range for TJ and TA; VBUS=5.0V; HZ_MODE; OPA_MODE=0; (Charge Mode); SCL, SDA, OTG=0 or 1.8V; and typical values are for TJ=25°C. Symbol Parameter Conditions Min. Typ. Max. Unit Boost Mode Operation (OPA_MODE=1, HZ_MODE=0) VBOOST Boost Output Voltage at VBUS 2.5V < VBAT < 4.5V, ILOAD from 0 to 200mA 4.80 5.07 5.17 V 3.0V < VBAT < 4.5V, ILOAD from 0 to 500mA 4.77 5.07 5.17 IBAT(BOOST) Boost Mode Quiescent Current PFM Mode, VBAT=3.6V, IOUT=0 140 300 A ILIMPK(BST) Q2 Peak Current Limit 1272 1590 1908 mA UVLOBST Minimum Battery Voltage for Boost Operation While Boost Active 2.42 V To Start Boost Regulator 2.58 2.70 VBUS Load Resistance RVBUS VBUS to PGND Resistance Normal Operation 1500 K Charger Validation 100 Protection and Timers VBUSOVP VBUS Over-Voltage Shutdown VBUS Rising 6.09 6.29 6.49 V Hysteresis VBUS Falling 100 mV ILIMPK(CHG) Q1 Cycle-by-Cycle Peak Current Limit Charge Mode 2.3 A VSHORT Battery Short-Circuit Threshold VBAT Rising 1.95 2.00 2.05 V Hysteresis VBAT Falling 100 mV ISHORT Linear Charging Current VBAT < VSHORT 20 30 40 mA TSHUTDWN Thermal Shutdown Threshold (7) TJ Rising 145 °C Hysteresis (7) TJ Falling 10 TCF Thermal Regulation Threshold (7) Charge Current Reduction Begins 120 °C tINT Detection Interval 2.1 s t32S 32-Second Timer (8) Charger Enabled 20.5 25.2 28.0 s Charger Disabled 18.0 25.2 34.0 t15MIN 15-Minute Timer 15-Minute Mode (FAN54013-15) 12.0 13.5 15.0 min ∆tLF Low-Frequency Timer Accuracy Charger Inactive –25 25 % Notes: 5. Negative current is current flowing from the battery to VBUS (discharging the battery). 6. Q2 always turns on for 60ns, then turns off if current is below ISYNC. 7. Guaranteed by design; not tested in production. 8. This tolerance (%) applies to all timers on the IC, including soft-start and deglitching timers. |
Similar Part No. - FAN54013UCX |
|
Similar Description - FAN54013UCX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |