Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM320AC39CPT Datasheet(PDF) 7 Page - Texas Instruments

Part # TCM320AC39CPT
Description  VOICE-BAND AUDIO PROCESSORS (VBAPE)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM320AC39CPT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCM320AC39CPT Datasheet HTML 3Page - Texas Instruments TCM320AC39CPT Datasheet HTML 4Page - Texas Instruments TCM320AC39CPT Datasheet HTML 5Page - Texas Instruments TCM320AC39CPT Datasheet HTML 6Page - Texas Instruments TCM320AC39CPT Datasheet HTML 7Page - Texas Instruments TCM320AC39CPT Datasheet HTML 8Page - Texas Instruments TCM320AC39CPT Datasheet HTML 9Page - Texas Instruments TCM320AC39CPT Datasheet HTML 10Page - Texas Instruments TCM320AC39CPT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TCM320AC38, TCM320AC39
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS004B – JUNE 1992 – REVISED JUNE 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
transmit gain and dynamic range, companded mode (
µ-law or A-law) or linear mode selected, VCC = 5 V,
TA = 25°C (unless otherwise noted) (see Notes 5 and 6)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Companded mode selected,
µ-law (’AC38)
0.982
Transmit reference-signal level (0 dB) (see Note 7)
Companded mode selected, A-law (’AC39)
0.985
Vrms
Linear mode selected (’AC38 and ’AC39)
1.001
Companded mode selected,
µ-law (’AC38)
4
Overload-signal level (MICIN at unity gain)
Companded mode selected, A-law (’AC39)
4
Vpp
Linear mode selected (’AC38 and ’AC39)
4
Absolute gain error
0-dB input signal
±1
dB
MICIN to DOUT at 3 dBm0 to – 36 dBm0
±0.5
Gain error with input level relative to gain at
10 dBm0
MICIN to DOUT at – 37 dBm0 to – 40 dBm0
±1
dB
Gain error with input level relative to gain at –10 dBm0
MICIN to DOUT at – 41 dBm0 to – 50 dBm0
±1.5
dB
MICIN to DOUT at – 51 dBm0 to – 55 dBm0
±2
Gain variation
VCC ± 10%, TA = 0°C to 70°C
±0.5
dB
NOTES:
5. Unless otherwise noted, the analog input is 0 dB, 1020-Hz sine wave, where 0 dB is defined as the zero-reference point of the channel
under test.
6. The input amplifier is set for inverting unity gain.
7. The reference-signal level, which is input to the transmit channel, is defined as a value 3 dB below the full-scale value of 2 V.
transmit filter transfer, companded mode (
µ-law or A-law) or linear mode selected, over recommended
ranges of supply voltage and free-air temperature, CLK = 2.6 MHz, FSX = 8 kHz (see Note 6)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fMICIN = 50 Hz
–10
0
fMICIN = 200 Hz
–1.8
0
Gain relative to input signal gain at
Input amplifier set for unity gain,
fMICIN = 300 Hz to 3 kHz
±0.15
Gain relative to input signal gain at
1.02 kHz
In ut am lifier set for unity gain,
noninverting maximum gain output signal
MICIN i
dB
fMICIN = 3.3 kHz
– 0.35
0.04
dB
1.02 kHz
at MICIN is 0 dB
fMICIN = 3.4 kHz
–1
– 0.1
fMICIN = 4 kHz
–14
fMICIN ≥ 4.6 kHz
–32
NOTE 6. The input amplifier is set for inverting unity gain.
transmit idle channel noise and distortion, companded mode with
µ-law or A-law selected, over
recommended ranges of supply voltage and operating free-air temperature (see Note 8)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Transmit noise, psophometrically weighted
MICIN connected to MICGS through a 10-k
Ω resistor
–71
dB0p
Transmit noise, C-message weighted
MICIN connected to MICGS through a 10-k
Ω resistor
10
dBrnC0
MICIN to DOUT at 0 dBm0 to – 17 dBm0
36
MICIN to DOUT at –18 dBm0 to – 23 dBm0
34
Transmit signal-to-distortion ratio with sine-wave input
MICIN to DOUT at – 24 dBm0 to – 29 dBm0
30
dB
MICIN to DOUT at – 30 dBm0 to – 35 dBm0
24
MICIN to DOUT at – 36 dBm0 to – 45 dBm0
16
Intermodulation distortion, 2-tone CCITT method,
CCITT G.712 (7.1), R2
49
dB
composite power level –13 dBm0
CCITT G.712 (7.2), R3
51
dB
NOTE 8: Transmit noise, linear mode: 200
µVrms is equivalent to –74 dB (referenced to device 0-dB level).


Similar Part No. - TCM320AC39CPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CDW TI-TCM320AC36CDW Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CDWR TI-TCM320AC36CDWR Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CN TI-TCM320AC36CN Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CNR TI-TCM320AC36CNR Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
More results

Similar Description - TCM320AC39CPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC36IPT TI-TLV320AC36IPT Datasheet
326Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com