Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM320AC46 Datasheet(PDF) 10 Page - Texas Instruments

Part # TCM320AC46
Description  GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM320AC46 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TCM320AC46 Datasheet HTML 6Page - Texas Instruments TCM320AC46 Datasheet HTML 7Page - Texas Instruments TCM320AC46 Datasheet HTML 8Page - Texas Instruments TCM320AC46 Datasheet HTML 9Page - Texas Instruments TCM320AC46 Datasheet HTML 10Page - Texas Instruments TCM320AC46 Datasheet HTML 11Page - Texas Instruments TCM320AC46 Datasheet HTML 12Page - Texas Instruments TCM320AC46 Datasheet HTML 13Page - Texas Instruments TCM320AC46 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TCM320AC46
GENERALPURPOSE AUDIO INTERFACE FOR DSP
SLWS001 − D4091, JUNE 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
10
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
digital interface
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
DOUT
IOH = − 3.2 mA,
VCC = 5 V
2.4
4.6
V
VOL
Low-level output voltage
DOUT
IOL = 3.2 mA,
VCC = 5 V
0.2
0.4
V
IIH
High-level input current
Any digital input
VI = 2.2 V to VCC
20
µA
IIL
Low-level input current
Any digital input
VI = 0 to 0.8 V
20
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
microphone interface
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIO
Input offset voltage at MICIN
VI = 0 to 5 V
±15
mV
IIB
Input bias current at MICIN
±200
nA
B1
Unity-gain bandwidth, open loop at MICIN
1
MHz
Ci
Input capacitance at MICIN
5
pF
AV
Large-signal voltage amplification at MICGS
10000
V/V
Output level at MICGS with MICMUTE active
VI = 4 V
−80
dBm0
IO(max)
Maximum output current
VMID
1
µA
IO(max)
Maximum output current
MICBIAS
1
mA
speaker interface
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
IIL
Input leakage at EARGS
VI = 0 to 5 V
±300
nA
VO(PP)
AC output voltage peak-to-peak
3
VPP
VOO
Output offset voltage at EARA, EARB (single-ended)
Relative to GND
100
mV
Ro
Output resistance at EARA, EARB
1
IO(max)
Maximum output current
RL = 600 Ω
±8
mA
AV
Large-signal voltage amplification
4
V/V
Gain change
EARMUTE low, max level when muted
−80
dB
† All typical values are at VCC = 5 V, TA = 25°C.
‡ All parameters are measured between MICIN and GND (unless otherwise noted).


Similar Part No. - TCM320AC46

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CDW TI-TCM320AC36CDW Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CDWR TI-TCM320AC36CDWR Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CN TI-TCM320AC36CN Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CNR TI-TCM320AC36CNR Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
More results

Similar Description - TCM320AC46

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
[Old version datasheet]   ANALOG INTERFACE FOR DSP
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
   Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
WM0011 CIRRUS-WM0011 Datasheet
2Mb / 233P
   General Purpose Low-Power Audio DSP
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com