Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM320AC46CN Datasheet(PDF) 6 Page - Texas Instruments

Part # TCM320AC46CN
Description  GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM320AC46CN Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCM320AC46CN Datasheet HTML 2Page - Texas Instruments TCM320AC46CN Datasheet HTML 3Page - Texas Instruments TCM320AC46CN Datasheet HTML 4Page - Texas Instruments TCM320AC46CN Datasheet HTML 5Page - Texas Instruments TCM320AC46CN Datasheet HTML 6Page - Texas Instruments TCM320AC46CN Datasheet HTML 7Page - Texas Instruments TCM320AC46CN Datasheet HTML 8Page - Texas Instruments TCM320AC46CN Datasheet HTML 9Page - Texas Instruments TCM320AC46CN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TCM320AC46
GENERALPURPOSE AUDIO INTERFACE FOR DSP
SLWS001 − D4091, JUNE 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
6
conversion laws
The TCM320AC46 provides
µ-law companding operation. The linear mode utilizes a 13-bit 2s complement
format.
transmit operation
microphone input
The microphone input amplifier is designed to simplify interface to electret-type microphone elements as shown
in Figure 1. The VMID buffer circuit provides a voltage (MICBIAS) equal to VCC/2 as a reference for the
microphone amplifier and a bias voltage to the electret microphone. The microphone amplifier output (MICGS)
is used in conjunction with a feedback network to the amplifier inverting input (MICIN) to set the amplifier gain.
VMID is brought out to provide a place to filter the VMID voltage.
microphone mute function
The MICMUTE input disables the microphone amplifier and attenuates the signal on the MICGS output to a level
that is 80 dB or more down from the signal on the MICIN input. MICMUTE also causes the digital circuitry to
transmit all zero code on DOUT.
TCM320AC46
2 k
17
VMID
18
MICIN
19
MICGS
20
MICBIAS
To Transmit Filter
Microphone Amplifier
VMID Buffer
>10 k
+
for Amplifiers
VMID Reference
1
µF
VMID Generator
Microphone
Electret
+
0.1
µF
MICMUTE
Microcontroller
6
+
Figure 1. Typical Microphone Interface
transmit filter
A low-pass antialiasing section is included on the device. This section provides 35-dB attenuation at the
sampling frequency. No external components are required to provide the necessary antialiasing function for the
switched-capacitor section of the transmit filter.


Similar Part No. - TCM320AC46CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CDW TI-TCM320AC36CDW Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CDWR TI-TCM320AC36CDWR Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CN TI-TCM320AC36CN Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CNR TI-TCM320AC36CNR Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
More results

Similar Description - TCM320AC46CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
[Old version datasheet]   ANALOG INTERFACE FOR DSP
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
   Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
WM0011 CIRRUS-WM0011 Datasheet
2Mb / 233P
   General Purpose Low-Power Audio DSP
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com