Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR5737IRHA Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430FR5737IRHA
Description  MIXED SIGNAL MICROCONTROLLER
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR5737IRHA Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430FR5737IRHA Datasheet HTML 7Page - Texas Instruments MSP430FR5737IRHA Datasheet HTML 8Page - Texas Instruments MSP430FR5737IRHA Datasheet HTML 9Page - Texas Instruments MSP430FR5737IRHA Datasheet HTML 10Page - Texas Instruments MSP430FR5737IRHA Datasheet HTML 11Page - Texas Instruments MSP430FR5737IRHA Datasheet HTML 12Page - Texas Instruments MSP430FR5737IRHA Datasheet HTML 13Page - Texas Instruments MSP430FR5737IRHA Datasheet HTML 14Page - Texas Instruments MSP430FR5737IRHA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
A1
A2
A3
A4
A5
B1
B2
B3
B4
B5
C1
C2
D1
D2
D4
D5
E1
E2
E4
E5
YFF PACKAGE
(TOP VIEW)
C4
C5
D3
E3
C3
NC
1
P1.1
P1.2
P1.3
P1.5
PJ.5
AVCC
AVSS
P1.4
PJ.1
PJ.4
AVSS
DVCC
DVSS
TEST
RST/NMI
VCORE
P1.6
P2.2
P2.0
PJ.2
PJ.3
P2.1
P1.7
PJ.0
1
NC (no connect). This ball must be attached but remain floating (no electrical connection).
P1.0 must be initialized properly to avoid the floating input of the device.
MSP430FR573x
MSP430FR572x
www.ti.com
SLAS639D – JULY 2011 – REVISED AUGUST 2012
Pin Designation –
MSP430FR5730IYFF, MSP430FR5736IYFF, MSP430FR5738IYFF
Package Dimensions: The package dimensions for the YFF package are shown in Table 3. See the package
drawing at the end of this data sheet for more details.
Table 3. YFF Package Dimensions
PACKAGED DEVICES
D
E
MSP430FR5738IYFF
MSP430FR5736IYFF
2.04 ± 0.03
2.24 ± 0.03
MSP430FR5730IYFF
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - MSP430FR5737IRHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5737IRHA TI-MSP430FR5737IRHA Datasheet
587Kb / 64P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5737IRHAR TI1-MSP430FR5737IRHAR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5737IRHAR TI1-MSP430FR5737IRHAR Datasheet
1Mb / 103P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FR5737IRHAT TI1-MSP430FR5737IRHAT Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5737IRHAT TI1-MSP430FR5737IRHAT Datasheet
1Mb / 103P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430FR5737IRHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com