Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2101TPW4Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430G2101TPW4Q1
Description  MIXED SIGNAL MICROCONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430G2101TPW4Q1 Datasheet(HTML) 1 Page - Texas Instruments

  MSP430G2101TPW4Q1 Datasheet HTML 1Page - Texas Instruments MSP430G2101TPW4Q1 Datasheet HTML 2Page - Texas Instruments MSP430G2101TPW4Q1 Datasheet HTML 3Page - Texas Instruments MSP430G2101TPW4Q1 Datasheet HTML 4Page - Texas Instruments MSP430G2101TPW4Q1 Datasheet HTML 5Page - Texas Instruments MSP430G2101TPW4Q1 Datasheet HTML 6Page - Texas Instruments MSP430G2101TPW4Q1 Datasheet HTML 7Page - Texas Instruments MSP430G2101TPW4Q1 Datasheet HTML 8Page - Texas Instruments MSP430G2101TPW4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
MSP430G2x11-Q1
MSP430G2x01-Q1
www.ti.com
SLAS775B
– AUGUST 2011 – REVISED NOVEMBER 2011
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
2
Qualified for Automotive Applications
16-Bit Timer_A With Two Capture/Compare
Registers
Low Supply-Voltage Range: 1.8 V to 3.6 V
Brownout Detector
Ultralow Power Consumption
On-Chip Comparator for Analog Signal
– Active Mode: 220 µA at 1 MHz, 2.2 V
Compare Function or Slope A/D (See Table 1)
– Standby Mode: 0.5 µA
Serial Onboard Programming,
– Off Mode (RAM Retention): 0.1 µA
No External Programming Voltage Needed,
Five Power-Saving Modes
Programmable Code Protection by Security
Ultrafast Wake-Up From Standby Mode in Less
Fuse
Than 1
µs
On-Chip Emulation Logic With Spy-Bi-Wire
16-Bit RISC Architecture, 62.5-ns Instruction
Interface
Cycle Time
For Family Members Details, See Table 1 and
Basic Clock Module Configurations
Table 2
– Internal Frequencies up to 16 MHz With
Available in a 14-Pin Plastic Small-Outline Thin
One Calibrated Frequency
Package (TSSOP) (PW) and 16-Pin QFN (RSA)
– Internal Very Low Power Low-Frequency
For Complete Module Descriptions, See the
(LF) Oscillator
MSP430x2xx Family User
’s Guide (SLAU144)
– 32-kHz Crystal
– External Digital Clock Source
DESCRIPTION
The Texas Instruments MSP430
™ family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1
µs.
The MSP430G2x01/MSP430G2x11 series is an ultralow-power mixed signal microcontroller with a built-in 16-bit
timer and ten I/O pins. The MSP430G2x11 family members have a versatile analog comparator. For
configuration details see Table 1.
Typical applications include low-cost sensor systems that capture analog signals, convert them to digital values,
and then process the data for display or for transmission to a host system.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430G2101TPW4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2101 TI1-MSP430G2101 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430G2101 TI-MSP430G2101 Datasheet
3Mb / 33P
[Old version datasheet]   MSP430G2553 LaunchPad??Development Kit
June 2018?밨evised March 2
MSP430G2101-Q1 TI1-MSP430G2101-Q1 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430G2101IN14 TI-MSP430G2101IN14 Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2101IN14 TI-MSP430G2101IN14 Datasheet
848Kb / 45P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430G2101TPW4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com