Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFB2022AI Datasheet(PDF) 4 Page - Texas Instruments

Part # TFB2022AI
Description  FUTUREBUS DATA PATH UNIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2022AI Datasheet(HTML) 4 Page - Texas Instruments

  TFB2022AI Datasheet HTML 1Page - Texas Instruments TFB2022AI Datasheet HTML 2Page - Texas Instruments TFB2022AI Datasheet HTML 3Page - Texas Instruments TFB2022AI Datasheet HTML 4Page - Texas Instruments TFB2022AI Datasheet HTML 5Page - Texas Instruments TFB2022AI Datasheet HTML 6Page - Texas Instruments TFB2022AI Datasheet HTML 7Page - Texas Instruments TFB2022AI Datasheet HTML 8Page - Texas Instruments TFB2022AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TFB2022AI
FUTUREBUS+ DATA PATH UNIT
SLLS183 − AUGUST 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
other module interface signals
TERMINAL
I/O
FROM/TO
DESCRIPTION
NAME
NO.
I/O
FROM/TO
DESCRIPTION
MS<1:0>
33, 34
O
Module
Memory decode of the host address:
LL
Unselected
LH
Host memory
HL
Host-unit space
HH
CSR space
REFCLK
151
I
Module
Clock input. A 25-MHz, 50%
±5% duty-cycle signal is recommended; any frequency
between 25 MHz and 33 MHz and duty cycle of 50%
±5% can be tolerated. REFCLK
determines packet-mode transfer speed.
interface to TFB2002A
TERMINAL
I/O
FROM/TO
DESCRIPTION
NAME
NO.
I/O
FROM/TO
DESCRIPTION
DATAAV*
153
O
TFB2002B IOC
Data available in FIFO. In compelled mode, DATAAV* indicates if any data is in the
FIFO. In packet or burst mode, DATAAV* indicates if a packet or burst data of length
encoded on Futurebus+ packet size or the DL<1:0> lines is available.
DMAMODE
154
I
TFB2002B IOC
DMA operation is occurring. FMODE and HMODE are modified for this function.
ERROR<1:0>
21, 22
O
TFB2002B IOC
Futurebus+ error indicators:
LL
No error
LH
Futurebus+ parity error
HL
Packet longitudinal error
HH
Host-interface-data parity error
FADEC<3:0>
143, 142,
141, 139
O
TFB2002B IOC
Futurebus+ address decode:
LLLL
Unselected
LLLH
Host memory
LLHL
Host-extended-unit space
LLHH
Host CSR
LHLL
Broadcast mailbox
LHLH
Reserved
LHHL
Reserved
LHHH
Reserved
HLLL
Mailbox address
HLLH
Packet-mode-capable memory address
HLHL
Reserved
HLHH
Reserved
HHLL
Reserved
HHLH
DPU CSR
HHHL
Broadcast CSR (non-DPU)
HHHH
Broadcast CSR (DPU)
FIFORST*
19
I
TFB2002B IOC
FIFO reset. FIFORST* resets the FIFO pointers
FACK
133
O
TFB2002B IOC
Futurebus+ acknowledge. Futurebus+ event complete
FMODE<2:0>
138, 137,
136
I
TFB2002B IOC
Futurebus+ mode. FMODE<2:0> indicates to the TFB2022AI what action is to be
taken in the Futurebus+ interface:
LLL
Compelled-mode Futurebus+
LLH
Packet-mode Futurebus+
LHL
Partial transfer
LHH
Disconnect data for master write
HLL
Reserved
HLH
Reserved
HHL
Disconnect data for split requestor
HHH
Reserved


Similar Part No. - TFB2022AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFB2002B TI1-TFB2002B Datasheet
198Kb / 13P
[Old version datasheet]   FUTUREBUS I/O CONTROLLER
TFB2002BIPPM TI1-TFB2002BIPPM Datasheet
198Kb / 13P
[Old version datasheet]   FUTUREBUS I/O CONTROLLER
TFB2002BMHFHB TI1-TFB2002BMHFHB Datasheet
198Kb / 13P
[Old version datasheet]   FUTUREBUS I/O CONTROLLER
TFB2002BPPM TI1-TFB2002BPPM Datasheet
198Kb / 13P
[Old version datasheet]   FUTUREBUS I/O CONTROLLER
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
More results

Similar Description - TFB2022AI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
logo
NXP Semiconductors
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
logo
Texas Instruments
TFB2002B TI1-TFB2002B Datasheet
198Kb / 13P
[Old version datasheet]   FUTUREBUS I/O CONTROLLER
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
logo
Motorola, Inc
MC74F3893A MOTOROLA-MC74F3893A Datasheet
37Kb / 5P
   QUAD FUTUREBUS BACKPLANE TRANSCEIVER
logo
NXP Semiconductors
74F3893 PHILIPS-74F3893 Datasheet
72Kb / 10P
   Quad futurebus backplane transceiver
1991 Jan 18
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
logo
Vaisala
DMU703 VAISALA-DMU703 Datasheet
176Kb / 3P
   Data Management Unit DMU703
DMU801 VAISALA-DMU801 Datasheet
495Kb / 4P
   Data Management Unit DMU801
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com