Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3201MDREP(1) Datasheet(PDF) 3 Page - Texas Instruments

Part # THS3201MDREP(1)
Description  1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201MDREP(1) Datasheet(HTML) 3 Page - Texas Instruments

  THS3201MDREP(1) Datasheet HTML 1Page - Texas Instruments THS3201MDREP(1) Datasheet HTML 2Page - Texas Instruments THS3201MDREP(1) Datasheet HTML 3Page - Texas Instruments THS3201MDREP(1) Datasheet HTML 4Page - Texas Instruments THS3201MDREP(1) Datasheet HTML 5Page - Texas Instruments THS3201MDREP(1) Datasheet HTML 6Page - Texas Instruments THS3201MDREP(1) Datasheet HTML 7Page - Texas Instruments THS3201MDREP(1) Datasheet HTML 8Page - Texas Instruments THS3201MDREP(1) Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TJ − Junction Temperature − °C
80
°C, 74M Hrs
100
°C, 5.9M Hrs
120
°C, 490K Hrs
140
°C, 58K Hrs
10K
1M
1G
100K
10M
100M
100
80
90
110
120
130
140
150
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
THS3201-EP
www.ti.com ..................................................................................................................................................... SGLS283B – APRIL 2005 – REVISED JANUARY 2009
Figure 1. EME-G600 Estimated Wirebond Life
0JC
0JA
(1)
PACKAGE
(°C/W)
(°C/W)
D (8)
38.3
97.5
DGN (8)(2)
4.7
58.4
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
The THS3201 may incorporate a thermal pad on the underside of the chip. This acts as a heat sink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature;
which could permanently damage the device. See Texas Instruments technical briefs SLMA002 and SLMA004 for more information
about utilizing the PowerPAD thermally enhanced package.
MIN
MAX
UNIT
Dual supply
±3.3
±7.5
Supply voltage
V
Single supply
6.6
15
TA
Operating free air temperature
–55
125
°C
PACKAGE/ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
PACKAGE MARKING
TRANSPORT MEDIA, QUANTITY
THS3201MDEP(1)
Rails, 75
SOIC-8
THS3201MDREP(1)
Tape and reel, 2500
THS3201MDGNEP(1)
Rails, 80
MSOP-8-PP
BLM
THS3201MDGNREP
Tape and reel, 2500
(1)
Product Preview
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS3201-EP


Similar Part No. - THS3201MDREP(1)

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201MDGNREP TI1-THS3201MDGNREP Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results

Similar Description - THS3201MDREP(1)

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com