Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-0721901VHA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-0721901VHA
Description  RAD-TOLERANT CLASS V, WIDEBAND OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-0721901VHA Datasheet(HTML) 5 Page - Texas Instruments

  5962-0721901VHA Datasheet HTML 1Page - Texas Instruments 5962-0721901VHA Datasheet HTML 2Page - Texas Instruments 5962-0721901VHA Datasheet HTML 3Page - Texas Instruments 5962-0721901VHA Datasheet HTML 4Page - Texas Instruments 5962-0721901VHA Datasheet HTML 5Page - Texas Instruments 5962-0721901VHA Datasheet HTML 6Page - Texas Instruments 5962-0721901VHA Datasheet HTML 7Page - Texas Instruments 5962-0721901VHA Datasheet HTML 8Page - Texas Instruments 5962-0721901VHA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Unchanged after 150 kRad)
THS4304-SP
SGDS038A – SEPTEMBER 2007 – REVISED OCTOBER 2007
Specifications: VS = 3 V: RF = 249 Ω, RL = 500 Ω, and G = +3 unless otherwise noted
TYP
OVER TEMPERATURE
PARAMETER
CONDITIONS
MIN/
25
°C
25
°C
–55
°C to 125°C
UNITS
MAX
AC PERFORMANCE
G = +2, VO = 100 mVpp
1
GHz
Typ
Small-Signal Bandwidth
G = +5, VO = 100 mVpp
230
MHz
Typ
Gain Bandwidth Product
G > +5
1
GHz
Typ
Slew Rate
G = +3, VO = 1-V Step
675
V/
μs
Typ
Rise/Fall Times
G = +3, VO = 0.5-V Step
1.5
ns
Typ
HARMONIC DISTORTION
Second Harmonic Distortion G = +3,
–82
dBc
Typ
VO = 0.5 VPP,
RL = 499 Ω
–82
dBc
Third Harmonic Distortion
Typ
f = 10 MHz
Noise Figure
G = +2, f = 1 GHz
15
dB
Typ
Input Voltage Noise
f = 1 MHz
2.4
nV/
√Hz
Typ
Input Current Noise
f = 1 MHz
2.1
pA/
√Hz
Typ
Copyright © 2007, Texas Instruments Incorporated
5
Product Folder Link(s): THS4304-SP


Similar Part No. - 5962-0721901VHA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0721201QXC INTERSIL-5962-0721201QXC Datasheet
229Kb / 10P
   Video Distribution Amplifier
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
5962-0721302QHC INTERSIL-5962-0721302QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
5962-0721302QXC INTERSIL-5962-0721302QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - 5962-0721901VHA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4511-SP NSC-THS4511-SP Datasheet
811Kb / 25P
   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4511-SP TI-THS4511-SP_V01 Datasheet
914Kb / 25P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI1-THS4513-SP Datasheet
1Mb / 30P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4511-SP TI1-THS4511-SP Datasheet
850Kb / 24P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI-THS4513-SP_V01 Datasheet
1Mb / 31P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
SN55182-SP TI1-SN55182-SP Datasheet
353Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE RECEIVER
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com