Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4509QRGTRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4509QRGTRQ1
Description  WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4509QRGTRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4509QRGTRQ1 Datasheet HTML 2Page - Texas Instruments THS4509QRGTRQ1 Datasheet HTML 3Page - Texas Instruments THS4509QRGTRQ1 Datasheet HTML 4Page - Texas Instruments THS4509QRGTRQ1 Datasheet HTML 5Page - Texas Instruments THS4509QRGTRQ1 Datasheet HTML 6Page - Texas Instruments THS4509QRGTRQ1 Datasheet HTML 7Page - Texas Instruments THS4509QRGTRQ1 Datasheet HTML 8Page - Texas Instruments THS4509QRGTRQ1 Datasheet HTML 9Page - Texas Instruments THS4509QRGTRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
SPECIFICATIONS, VS+ – VS– = 3 V
THS4509-Q1
SLOS547 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Test conditions unless otherwise noted: VS+ = +1.5 V, VS– = –1.5 V, G = 10 dB, CM = open, VO = 1 Vpp, RF = 349 Ω,
RL = 200 Ω differential, TA = 25°C, single-ended input, differential output, input and output referenced to mid-supply
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC Performance
G = 6 dB, VO = 100 mVpp
1.9
GHz
G = 10 dB, VO = 100 mVpp
1.6
Small-signal bandwidth
G = 14 dB, VO = 100 mVpp
625
MHz
G = 20 dB, VO = 100 mVpp
260
Gain-bandwidth product
G = 20 dB
3
GHz
Bandwidth for 0.1-dB flatness
G = 10 dB, VO = 1 Vpp
400
MHz
Large-signal bandwidth
G = 10 dB, VO = 1 Vpp
1.5
GHz
Slew rate (differential)
3500
V/
µs
Rise time
0.25
ns
Fall time
2-V step
0.25
ns
Settling time to 1%
1
ns
Settling time to 0.1%
10
ns
f = 10 MHz
–107
Second-order harmonic distortion
f = 50 MHz
–83
dBc
f = 100 MHz
–60
f = 10 MHz
–87
C
Third-order harmonic distortion
f = 50 MHz
–65
dBc
f = 100 MHz
–54
fC = 70 MHz
–77
200-kHz tone spacing,
Second-order intermodulation distortion
dBc
RL = 499 Ω
fC = 140 MHz
–54
fC = 70 MHz
–77
200-kHz tone spacing,
Third-order intermodulation distortion
dBc
RL = 499 Ω
fC = 140 MHz
–62
fC = 70 MHz
72
200-kHz tone spacing
Second-order output intercept point
dBm
RL = 100 Ω
fC = 140 MHz
52
fC = 70 MHz
38.5
200-kHz tone spacing
Third-order output intercept point
dBm
RL = 100 Ω
fC = 140 MHz
30
fC = 70 MHz
2.2
1-dB compression point
dBm
fC = 140 MHz
0.25
Noise figure
50-
Ω system, 10 MHz
17.1
dB
Input voltage noise
f > 10 MHz
1.9
nV/
√Hz
Input current noise
f > 10 MHz
2.2
pA/
√Hz
DC Performance
Open-loop voltage gain (AOL)
68
dB
Input offset voltage
TA = 25°C
1
mV
Average offset voltage drift
TA = –40°C to 125°C
2.6
V/°C
Input bias current
TA = 25°C
6
A
C
Average bias current drift
TA = –40°C to 125°C
20
nA/°C
Input offset current
TA = 25°C
1.6
A
Average offset current drift
TA = –40°C to 125°C
4
nA/°C
(1)
Test levels: A = 100% tested at 25°C, overtemperature limits by characterization and simulation; B = Limits set by characterization and
simulation; C = Typical value only for information.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS4509-Q1


Similar Part No. - THS4509QRGTRQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4509QRGTRQ1 NSC-THS4509QRGTRQ1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509QRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com