Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7102TVFP Datasheet(PDF) 8 Page - Texas Instruments

Part # THS7102TVFP
Description  ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7102TVFP Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS7102TVFP Datasheet HTML 2Page - Texas Instruments THS7102TVFP Datasheet HTML 3Page - Texas Instruments THS7102TVFP Datasheet HTML 4Page - Texas Instruments THS7102TVFP Datasheet HTML 5Page - Texas Instruments THS7102TVFP Datasheet HTML 6Page - Texas Instruments THS7102TVFP Datasheet HTML 7Page - Texas Instruments THS7102TVFP Datasheet HTML 8Page - Texas Instruments THS7102TVFP Datasheet HTML 9Page - Texas Instruments THS7102TVFP Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
THS7102
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
SLOS311B− MAY 2000 − REVISED DECEMBER 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VAG
Ci§
Ci§
VIN‡
TXINP
TXINN
1BUFIN
1BUFOUT
BUFEN
2BUFOUT
2BUFIN
RXCM
RXOUTP
RXOUTN
TXEN1
TXEN2
TXAS1
TXAF
TXAS2
TXBS2
TXBF
TXBS1
VCCON
RXPO
RXPI
RXPN
RXMN
RXMI
RXMO
VCCOP2
RxOut
RS†
VA
15 V
VB
RL
15 V
VCCL
GND
VCCOP1
THS7102
1:N
TXCM
RS†
Point A
Point A
VAG
† Output impedance of transmit driver at point A = 10 × RS
‡ Maximum input of VIN = 3 Vpp.
§ In ADSL systems, it is recommended to use Ci = 680 pF for the THS7102. For testing purposes, use Ci = 0.1 µF
Figure 3. Typical THS7102 Circuit Configuration


Similar Part No. - THS7102TVFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7103 TI1-THS7103 Datasheet
150Kb / 9P
[Old version datasheet]   ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103CVFP TI1-THS7103CVFP Datasheet
150Kb / 9P
[Old version datasheet]   ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103CVFPR TI1-THS7103CVFPR Datasheet
150Kb / 9P
[Old version datasheet]   ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103IVFP TI1-THS7103IVFP Datasheet
150Kb / 9P
[Old version datasheet]   ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS7103IVFPR TI1-THS7103IVFPR Datasheet
150Kb / 9P
[Old version datasheet]   ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
More results

Similar Description - THS7102TVFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7103 TI1-THS7103 Datasheet
150Kb / 9P
[Old version datasheet]   ADSL (ISDN) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
SCHOTT CORPORATION
31530 SCHOTT-31530 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31427 SCHOTT-31427 Datasheet
15Kb / 1P
   TRANSFORMER, ADSL, CENTRAL OFFICE
31441 SCHOTT-31441 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31642 SCHOTT-31642 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31429 SCHOTT-31429 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31250 SCHOTT-31250 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
35598 SCHOTT-35598 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com