Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS770012 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS770012
Description  Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS770012 Datasheet(HTML) 4 Page - Texas Instruments

  THS770012 Datasheet HTML 1Page - Texas Instruments THS770012 Datasheet HTML 2Page - Texas Instruments THS770012 Datasheet HTML 3Page - Texas Instruments THS770012 Datasheet HTML 4Page - Texas Instruments THS770012 Datasheet HTML 5Page - Texas Instruments THS770012 Datasheet HTML 6Page - Texas Instruments THS770012 Datasheet HTML 7Page - Texas Instruments THS770012 Datasheet HTML 8Page - Texas Instruments THS770012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
THS770012
SLOS669C
– FEBRUARY 2010 – REVISED JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Test conditions are at TA = +25°C, VS+ = +5V, VOCM = +2.5V, VOUT = 2VPP, RL = 400Ω differential, G = +12dB, differential input
and output, and input and output referenced to midsupply, unless otherwise noted. Measured using evaluation module as
discussed in Test Circuits section.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
f = 50MHz, 10MHz spacing
–97
dBc
C
Third-order intermodulation
f = 100MHz, 10MHz spacing
–100
dBc
C
distortion, Gain = +12dB, RL =
f = 150MHz, 10MHz spacing
–92
dBc
C
400
Ω, VOUT = 2VPP
f = 200MHz, 10MHz spacing
–81
dBc
C
RL = 20Ω
19.6
dBm
C
1dB compression point
f = 100MHz
RL = 400Ω
8.7
dBm
C
Output third-order intercept
At device outputs, RL = 400Ω, f = 100MHz
47
dBm
C
point
Input-referred voltage noise
f = 1MHz
1.5
nV/
√Hz
C
Ouput-referred voltage noise
f = 1MHz
6
nV/
√Hz
C
f = 50 MHz
9.5
dB
C
100
Ω differential
Noise figure
f = 100 MHz
10.7
dB
C
source
f = 200 MHz
12.3
dB
C
Overdrive recovery
Overdrive =
±0.5V
5
7.5
ns
B
Output balance error
f = 200MHz
-60
dB
C
Output impedance
f = 100MHz
4
Ω
C
DC PERFORMANCE
TA = +25°C, RL = 400Ω
11.65
11.9
12.15
dB
A
TA = +25°C, RL = 100Ω
11.4
11.6
11.85
dB
B
Gain (+12dB gain setting)
TA = –40°C to +85°C, RL = 400Ω
11.6
12.2
dB
B
TA = –40°C to +85°C, RL = 100Ω
11.6
12.2
dB
B
TA = +25°C
–20
±2
20
mV
A
Output offset
TA = –40°C to +85°C
–22.5
22.5
mV
B
TA = +25°C
36
60
dB
A
Common-mode rejection ratio
TA = –40°C to +85°C
35
dB
B
INPUT
Differential input resistance
85
100
115
Ω
A
Input common-mode range
Inputs shorted together, VOCM = 2.5V
2.25
2.75
V
A
OUTPUT
TA = +25°C
3.64
3.7
V
A
Each output with
Most positive output voltage
200
Ω to midsupply
TA = –40°C to +85°C
3.59
V
B
TA = +25°C
1.3
1.4
V
A
Each output with
Least positive output voltage
200
Ω to midsupply
TA = –40°C to +85°C
1.45
V
B
TA = +25°C
3.59
3.6
V
A
Each output with
Most positive output voltage
50
Ω to midsupply
TA = –40°C to +85°C
3.54
V
B
TA = +25°C
1.3
1.5
V
A
Each output with
Least positive output voltage
50
Ω to midsupply
TA = –40°C to +85°C
1.55
V
B
TA = +25°C, RL = 400Ω
4.4
4.8
VPP
B
Differential output voltage
TA = –40°C to +85°C, RL = 400Ω
4.2
VPP
B
TA = +25°C, RL = 10Ω
80
mA
B
Differential output current drive
TA = –40°C to +85°C, RL =10Ω
80
mA
B
4
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): THS770012


Similar Part No. - THS770012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770012 TI1-THS770012 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
More results

Similar Description - THS770012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770006 TI1-THS770006_14 Datasheet
1Mb / 40P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
logo
National Semiconductor ...
THS770006 NSC-THS770006 Datasheet
1Mb / 39P
   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Texas Instruments
THS770006 TI-THS770006_10 Datasheet
1,006Kb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
logo
Linear Technology
LTC6430 LINER-LTC6430 Datasheet
718Kb / 12P
   15dB Differential Amplifier and 14-Bit, 310Msps Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com