Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TI380C25PGE Datasheet(PDF) 8 Page - Texas Instruments

Part # TI380C25PGE
Description  TOKEN-RING COMMPROCESSOR
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TI380C25PGE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TI380C25PGE Datasheet HTML 4Page - Texas Instruments TI380C25PGE Datasheet HTML 5Page - Texas Instruments TI380C25PGE Datasheet HTML 6Page - Texas Instruments TI380C25PGE Datasheet HTML 7Page - Texas Instruments TI380C25PGE Datasheet HTML 8Page - Texas Instruments TI380C25PGE Datasheet HTML 9Page - Texas Instruments TI380C25PGE Datasheet HTML 10Page - Texas Instruments TI380C25PGE Datasheet HTML 11Page - Texas Instruments TI380C25PGE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
TI380C25
TOKEN-RING COMMPROCESSOR
SPWS012 – JANUARY 1995
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
MW
142
O
Local-memory write. MW is used to specify a write cycle on the local-memory bus. The data on the
MADH0 – MADH7 and MADL0 – MADL7 buses is valid while MW is low. DRAMs latch data on the
falling edge of MW, while SRAMs latch data on the rising edge of MW.
H = Not a local-memory write cycle
L
= Local-memory write cycle
NMI
33
I
Nonmaskable interrupt request. NMI must be left unconnected.
OSCIN
135
I
External oscillator input. OSCIN provides the clock frequency to the TI380C25 for a 4-MHz or 6-MHz
internal bus (see Notes 5 and 6).
CLKDIV
OSCIN
H
64 MHz for a 4-MHz local bus
L
32 MHz for a 4-MHz local bus or 48 MHz for a 6-MHz local bus
OSCOUT
122
O
Oscillator output
CLKDIV
OSCOUT
L
OSCIN / 4 (if OSCIN = 32 MHz, OSCOUT = 8 MHz;
if OSCIN = 48 MHz, OSCOUT = 12 MHz)
H
OSCIN / 8 (if OSCIN = 64 MHz, OSCOUT = 8 MHz)
PRTYEN
41
I
Parity enable. The value on PRTYEN is loaded into the PEN bit of the SIFACL register at reset (i.e.,
when SRESET is asserted or the ARESET bit in the SIFACL register is set) to form a default value.
PRTYEN enables parity checking for the local memory.
H = Local-memory data bus checked for parity (see Note 1).
L
= Local-memory data bus not checked for parity.
NSELOUT0
NSELOUT1
40
119
O
O
Network selection outputs. NSELOUT0 and NSELOUT1 are controlled by the host through the
corresponding bits of the SIFACL register. The value of these bits / signals can be changed only while
the TI380C25 is reset.
NSELOUT0
NSELOUT1
DESCRIPTION
L
H
16-Mbps token ring
H
H
4-Mbps token ring
SADH0
SADH1
SADH2
SADH3
SADH4
SADH5
SADH6
SADH7
97
96
95
94
93
92
86
85
I/O
System address / data bus — high byte (see Note 1).These lines make up the most significant byte
of each address word (32-bit address bus) and data word (16-bit data bus). The most significant bit
is SADH0, and the least significant bit is SADH7.
Address multiplexing: Bits 31 – 24 and bits 15 – 8
Data multiplexing: Bits 15 – 8
SADL0
SADL1
SADL2
SADL3
SADL4
SADL5
SADL6
SADL7
76
75
74
70
69
68
67
66
I/O
System address / data bus — low byte (see Note 1). These lines make up the least significant byte
of each address word (32-bit address bus) and data word (16-bit data bus). The most significant bit
is SADL0 and the least significant bit is SADL7.
Address multiplexing: Bits 23 – 16 and bits 7 – 0
Data multiplexing : Bits 7 – 0
† I = input, O = output
NOTES:
1. Pin has an internal pullup device to maintain a high-voltage level when left unconnected (no etch).
5. Pin has an expanded input voltage specification.
6. A maximum of two TI380C25 devices can be connected to any one oscillator.


Similar Part No. - TI380C25PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C27 TI-TI380C27 Datasheet
1Mb / 77P
[Old version datasheet]   DUAL-PROTOCOL COMMPROCESSOR
TI380C27PGE TI-TI380C27PGE Datasheet
1Mb / 77P
[Old version datasheet]   DUAL-PROTOCOL COMMPROCESSOR
More results

Similar Description - TI380C25PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C30 TI1-TI380C30 Datasheet
1Mb / 78P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
TI380C30A TI-TI380C30A Datasheet
1Mb / 81P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
logo
PCA ELECTRONICS INC.
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
   Token Ring Transceiver
logo
XFMRS Inc.
2021 XFMRS-2021 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
XF0756L1 XFMRS-XF0756L1 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
2021 XFMRS-2021_15 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
logo
PCA ELECTRONICS INC.
EPT7063G PCA-EPT7063G Datasheet
30Kb / 1P
   Token Ring Transceiver
logo
Bel Fuse Inc.
0556-5338-00 BEL-0556-5338-00_00 Datasheet
120Kb / 6P
   TOKEN RING MAGNETICS
logo
Rhombus Industries Inc.
F-1801 RHOMBUS-IND-F-1801 Datasheet
28Kb / 1P
   TOKEN RING FILTER
logo
PCA ELECTRONICS INC.
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
   Token Ring Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com