Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TI380FPAA Datasheet(PDF) 6 Page - Texas Instruments

Part # TI380FPAA
Description  PACKETBLASTERE?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TI380FPAA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TI380FPAA Datasheet HTML 2Page - Texas Instruments TI380FPAA Datasheet HTML 3Page - Texas Instruments TI380FPAA Datasheet HTML 4Page - Texas Instruments TI380FPAA Datasheet HTML 5Page - Texas Instruments TI380FPAA Datasheet HTML 6Page - Texas Instruments TI380FPAA Datasheet HTML 7Page - Texas Instruments TI380FPAA Datasheet HTML 8Page - Texas Instruments TI380FPAA Datasheet HTML 9Page - Texas Instruments TI380FPAA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TI380FPAA
PACKETBLASTER
SPWS038 – MAY 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
I/O †
DESCRIPTION
NAME
NO.
I/O †
DESCRIPTION
MRAS
23
O
Row-address strobe for DRAMs. The row address lasts for the first 5/16 of the memory cycle. MRAS
is driven low every memory cycle while the row address is valid on MADL0 – MADL7, MAXPH, and
MAXPL for both RAM and register-access cycles.
MRESET
41
I
Memory-bus reset. MRESET is the reset signal provided by the TI380C2x or TI380C3x and is used to
reset and initialize the FPA internal logic. While MRESET is asserted, all FPA output pins are in the
high-impedance state.
MW
24
O
Local-memory write. MW is used to specify a write cycle on the local-memory bus. The data on the
MADH0 – MADH7 and MADL0 – MADL7 buses is valid while MW is low. DRAMs latch data on the falling
edge MW, while SRAMs latch data on the rising edge of MW.
H = Not a local-memory write cycle
L
= Local-memory write cycle
NC
33
42
No connect. Do not connect these pins.
PLLCAP
45
I
Phase-locked loop (PLL) tuning capacitor (see Note 3)
VDDL
17
36
I
Positive supply voltage for digital logic. All VDDL pins must be attached to the common system power
supply plane.
VDD
3
16
29
I
Positive supply voltage for output buffers. All VDD pins must be attached to the common system power
supply plane.
PLLVDD
46
I
Positive supply voltage for phase-locked loop (see Note 4)
VSSC
1
14
27
I
Ground reference for output buffers (clean ground). All VSSC pins must be attached to the common
system ground plane.
VSSL
11
40
I
Ground reference for digital logic. All VSSL pins must be attached to the common system ground plane.
VSS
12
25
51
I
Ground connections for output buffers. All VSS pins must be attached to common system ground plane.
PLLVSS
44
I
Ground reference for phase-locked loop. Attach to the common system ground plane.
† I = input, O = output
NOTES:
3. The PLLCAP requires the following connection:
These components must be placed as close as
possible to PLLCAP.
4. Isolate PLLVDD to a separate PLL power pad with
ferrite bead separation from the common system
power supply plane. A 0.1-
µF decoupling capacitor
on PLLVDD is also necessary as shown. These
components must be placed as close as possible to
PLLVDD.
3.3 k
PLLCAP
GND
1000 pF
PLLVDD
GND
0.1
µF
VDD
GND
0.1
µF


Similar Part No. - TI380FPAA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380FPA TI1-TI380FPA Datasheet
337Kb / 24P
[Old version datasheet]   PACKETBLASTER?
TI380FPAFNL TI1-TI380FPAFNL Datasheet
337Kb / 24P
[Old version datasheet]   PACKETBLASTER?
TI380FPAFNLR TI1-TI380FPAFNLR Datasheet
337Kb / 24P
[Old version datasheet]   PACKETBLASTER?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com