Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPLS506ACNT Datasheet(PDF) 11 Page - Texas Instruments

Part # TIBPLS506ACNT
Description  13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPLS506ACNT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TIBPLS506ACNT Datasheet HTML 7Page - Texas Instruments TIBPLS506ACNT Datasheet HTML 8Page - Texas Instruments TIBPLS506ACNT Datasheet HTML 9Page - Texas Instruments TIBPLS506ACNT Datasheet HTML 10Page - Texas Instruments TIBPLS506ACNT Datasheet HTML 11Page - Texas Instruments TIBPLS506ACNT Datasheet HTML 12Page - Texas Instruments TIBPLS506ACNT Datasheet HTML 13Page - Texas Instruments TIBPLS506ACNT Datasheet HTML 14Page - Texas Instruments TIBPLS506ACNT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TIBPLS506AC
13
× 97 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
SRPS003C – D3090, DECEMBER 1987 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
11
OR term loading
As shown in Figure 3 and by the fmax calculations, fmax is affected by the number of terms connected to each
OR array line. Theoretically, fmax is calculated as:
fmax =
1
tsu ) tpd CLK to Q
Since the setup time (input or feedback to S/R
) varies with the number of terms connected to each OR array
line, (due to capacitance loading) fmaxwill also vary. Figure 3 illustrates the relationship between the number of
terms connected per OR line and the setup time.
Use Figure 3 to determine the worst-case setup time for a particular application. Identify the OR array line with
the maximum number of terms connected. Count the number of terms and use the graph to determine the setup
time.
15
14
12
11
10
19
13
020
40
60
17
16
18
Maximum Number of OR Terms Connected
WORST-CASE SETUP TIME
(input or feedback to SR
)
vs
”OR” TERM LOAD
20
80
100
VCC = 4.75 V
TA = 75°C
Figure 3


Similar Part No. - TIBPLS506ACNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10 TI-TIBPAL16L8-10 Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10 TI-TIBPAL16L8-10 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10C TI-TIBPAL16L8-10C Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10CFN TI-TIBPAL16L8-10CFN Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results

Similar Description - TIBPLS506ACNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
   Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
logo
Texas Instruments
TIB82S105BC TI1-TIB82S105BC Datasheet
312Kb / 14P
[Old version datasheet]   16 횞 48 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
TIBPSG507AC TI1-TIBPSG507AC Datasheet
361Kb / 19P
[Old version datasheet]   13 횞 80 횞 8 PROGRAMMABLE SEQUENCE GENERATOR
logo
NXP Semiconductors
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
   Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
   Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
logo
Texas Instruments
TIB82S167BC TI1-TIB82S167BC Datasheet
228Kb / 11P
[Old version datasheet]   14 횞 48 횞 6 FIELD-PROGRAMMABLE LOGIC SEQUENCER WITH 3-STATE OUTPUTS OR PRESET
logo
NXP Semiconductors
PLS168 PHILIPS-PLS168 Datasheet
914Kb / 12P
   FIELD PROGRAMMABLE LOGIC SEQUENCER
1995 Jan 5
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com