Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2131TRSAQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430G2131TRSAQ1
Description  MIXED SIGNAL MICROCONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430G2131TRSAQ1 Datasheet(HTML) 2 Page - Texas Instruments

  MSP430G2131TRSAQ1 Datasheet HTML 1Page - Texas Instruments MSP430G2131TRSAQ1 Datasheet HTML 2Page - Texas Instruments MSP430G2131TRSAQ1 Datasheet HTML 3Page - Texas Instruments MSP430G2131TRSAQ1 Datasheet HTML 4Page - Texas Instruments MSP430G2131TRSAQ1 Datasheet HTML 5Page - Texas Instruments MSP430G2131TRSAQ1 Datasheet HTML 6Page - Texas Instruments MSP430G2131TRSAQ1 Datasheet HTML 7Page - Texas Instruments MSP430G2131TRSAQ1 Datasheet HTML 8Page - Texas Instruments MSP430G2131TRSAQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
MSP430G2x31-Q1
MSP430G2x21-Q1
SLAS787A
– NOVEMBER 2011 – REVISED DECEMBER 2011
www.ti.com
Table 1. Available Options
Flash
RAM
ADC10
Package
Device
BSL
EEM
Timer_A
USI
Clock
I/O
(KB)
(B)
Channel
Type
16-QFN
MSP430G2231
-
1
2
128
1x TA2
1
8
LF, DCO, VLO
10
14-TSSOP
16-QFN
MSP430G2221
-
1
2
128
1x TA2
1
-
LF, DCO, VLO
10
14-TSSOP
16-QFN
MSP430G2131
-
1
1
128
1x TA2
1
8
LF, DCO, VLO
10
14-TSSOP
16-QFN
MSP430G2121
-
1
1
128
1x TA2
1
-
LF, DCO, VLO
10
14-TSSOP
Table 2. Ordering Information(1)
PACKAGED DEVICES(2)
TA
PLASTIC 14-PIN TSSOP
PLASTIC 16-PIN QFN
(PW)
(RSA)
MSP430G2121IPW4Q1
MSP430G2121IRSAQ1
MSP430G2131IPW4Q1
MSP430G2131IRSAQ1
-40
°C to 85°C
MSP430G2221IPW4Q1
MSP430G2221IRSAQ1
MSP430G2231IPW4Q1
MSP430G2231IRSAQ1
MSP430G2121TPW4Q1
MSP430G2121TRSAQ1
MSP430G2131TPW4Q1
MSP430G2131TRSAQ1
-40
°C to 105°C
MSP430G2221TPW4Q1
MSP430G2221TRSAQ1
MSP430G2231TPW4Q1
MSP430G2231TRSAQ1
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - MSP430G2131TRSAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2131 TI1-MSP430G2131 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430G2131 TI-MSP430G2131 Datasheet
3Mb / 33P
[Old version datasheet]   MSP430G2553 LaunchPad??Development Kit
June 2018?밨evised March 2
MSP430G2131-Q1 TI1-MSP430G2131-Q1 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430G2131IN14 TI-MSP430G2131IN14 Datasheet
1Mb / 61P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2131IN14 TI-MSP430G2131IN14 Datasheet
953Kb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430G2131TRSAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com