Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL2575-05 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575-05
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL2575-05 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL2575-05 Datasheet HTML 7Page - Texas Instruments TL2575-05 Datasheet HTML 8Page - Texas Instruments TL2575-05 Datasheet HTML 9Page - Texas Instruments TL2575-05 Datasheet HTML 10Page - Texas Instruments TL2575-05 Datasheet HTML 11Page - Texas Instruments TL2575-05 Datasheet HTML 12Page - Texas Instruments TL2575-05 Datasheet HTML 13Page - Texas Instruments TL2575-05 Datasheet HTML 14Page - Texas Instruments TL2575-05 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
VIN – Input Voltage – V
VOUT = 5 V
TJ = 25°C
Measured at GND pin
ILOAD = 1 A
ILOAD = 0.2 A
0
50
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
150
TJ – Junction Temperature – °C
VIN = 40 V
VIN = 12 V
V
= 5 V
ON/OFF
-10
-8
-6
-4
-2
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
150
TJ – Junction Temperature – °C
VIN = 40 V
VIN = 12 V
Normalized at TJ = 25°C
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0
0.2
0.4
0.6
0.8
1
ISW – Switch Current – A
TJ = –40°C
TJ = 25°C
TJ = 125°C
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
Figure 7. Quiescent Current
Figure 8. Standby Quiescent Current
Figure 9. Oscillator Frequency
Figure 10. Switch Saturation Voltage
11
Submit Documentation Feedback


Similar Part No. - TL2575-05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2575-05I TI-TL2575-05I Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05I TI-TL2575-05I Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05I TI-TL2575-05I Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05IKTTR TI-TL2575-05IKTTR Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05IKTTR TI-TL2575-05IKTTR Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
More results

Similar Description - TL2575-05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2575 TI-TL2575_10 Datasheet
1,011Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
[Old version datasheet]   1-A Simple Step-Down Switching Voltage Regulators
TL2575 TI-TL2575 Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_15 Datasheet
1Mb / 32P
[Old version datasheet]   TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com