Electronic Components Datasheet Search |
|
TL4051CIDCKR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TL4051CIDCKR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 27 page www.ti.com TL4051xQ (Adjustable Version) Electrical Characteristics DV REF DI Z DV REF DV KA TL4051 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS487 – JUNE 2007 full range T A = –40°C to 125°C (unless otherwise noted) TL4051AQ TL4051BQ TL4051CQ PARAMETER TEST CONDITIONS TA UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX Reference IZ = 100 µA, VREF 25 °C 1.212 1.212 1.212 V voltage VZ = 5 V 25 °C –1.2 1.2 –2.4 2.4 –6 6 Reference IZ = 100 µA, voltage mV Full VZ = 5 V –7.4 7.4 –8.6 8.6 –12.2 12.2 tolerance(1) range 25 °C 36 60 36 60 36 65 Minimum IZ,min µA Full cathode current 70 70 75 range 25 °C 0.3 1.1 0.3 1.1 0.3 1.1 IZ,min < IZ < 1 mA Full Reference 1.5 1.5 1.5 range voltage change mV with cathode 25 °C 0.6 6 0.6 6 0.6 6 current change 1 mA < IZ < 12 mA Full 8 8 8 range Reference 25 °C –1.69 –2.8 –1.69 –2.8 –1.69 –2.8 voltage change IZ = 1 mA mV/V Full with output –3.5 –3.5 –3.5 range voltage change 25 °C 70 130 70 130 70 130 Feedback IFB nA Full current 150 150 150 range IZ = 10 mA, 25 °C ±20 ±20 ±20 VZ = 2.5 V Average IZ = 1 mA, temperature 25 °C ±15 ±15 ±15 VZ = 2.5 V αV REF coefficient of ppm/ °C reference 25 °C ±15 ±15 ±15 voltage(1) IZ = 100 µA, Full VZ = 2.5 V ±50 ±50 ±50 range IZ = 1 mA, f = 120 Hz, 25 °C 0.3 0.3 0.3 IAC = 0.1 IZ, Reverse VZ = VREF ZZ dynamic Ω IZ = 1 mA, impedance f = 120 Hz, 25 °C 2 2 2 IAC = 0.1 IZ, VZ = 10 V IZ = 100 µA, eN Wideband noise VZ = VREF, 25 °C 20 20 20 µV RMS 10 Hz ≤ f ≤ 10 kHz Long-term stability of t = 1000 h, reverse TA = 25°C ± 0.1°C, 25 °C 120 120 120 ppm breakdown IZ = 100 µA voltage Thermal VHYST ∆T A = –40°C to 125°C 0.3 0.3 0.3 mV/V hysteresis(2) (1) Reference voltage tolerance and average temperature coefficient change with output voltage (VZ). See Typical Characteristics. (2) Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C). 8 Submit Documentation Feedback |
Similar Part No. - TL4051CIDCKR |
|
Similar Description - TL4051CIDCKR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |