Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JL723SCA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # JL723SCA
Description  LM723JAN Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

JL723SCA Datasheet(HTML) 5 Page - Texas Instruments

  JL723SCA Datasheet HTML 1Page - Texas Instruments JL723SCA Datasheet HTML 2Page - Texas Instruments JL723SCA Datasheet HTML 3Page - Texas Instruments JL723SCA Datasheet HTML 4Page - Texas Instruments JL723SCA Datasheet HTML 5Page - Texas Instruments JL723SCA Datasheet HTML 6Page - Texas Instruments JL723SCA Datasheet HTML 7Page - Texas Instruments JL723SCA Datasheet HTML 8Page - Texas Instruments JL723SCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Characteristics
DC Parameters (Note 9)
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
Rline
Line Regulation
12V
≤ V
IN
≤ 15V, V
OUT = 5V,
I
L = 1mA
−0.1
0.1
%V
OUT
1
−0.2
0.2
%V
OUT
2
−0.3
0.3
%V
OUT
3
12V
≤ V
IN
≤ 40V, V
OUT = 2V,
I
L = 1mA
−0.2
0.2
%V
OUT
1
9.5V
≤ V
IN
≤ 40V, V
OUT = 5V,
I
L = 1mA
−0.3
0.3
%V
OUT
1
12V
≤ V
IN
≤ 15V, V
OUT = 5V,
I
L = 1mA
−10.0 +10.0
mV
1
−20.0 +20.0
mV
2
−30.0 +30.0
mV
3
V
Rload
Load Regulation
1mA
≤ I
L
≤ 50mA, V
IN = 12V,
V
OUT =5V
−0.15
0.15
%V
OUT
1
−0.4
0.4
%V
OUT
2
−0.6
0.6
%V
OUT
3
1mA
≤ I
L
≤ 10mA, V
IN = 40V,
V
OUT = 37V
−0.5
0.5
%V
OUT
1
6mA
≤ I
L
≤ 12mA, V
IN = 10V,
V
OUT = 7.5V
−0.2
0.2
%V
OUT
1
1mA
≤ I
L
≤ 50mA, V
IN = 12V,
V
OUT =5V
−15.0 +15.0
mV
1
−40.0 +40.0
mV
2
−60.0 +60.0
mV
3
V
REF
Voltage Reference
I
REF = 1mA, VIN = 12V
6.95
7.35
V
1
6.9
7.4
V
2, 3
I
SCD
Standby Current
V
IN = 30V, IL =IREF =0,
V
OUT =VREF
0.5
3
mA
1
0.5
2.4
mA
2
0.5
3.5
mA
3
I
OS
Short Circuit Current
V
OUT = 5V, VIN =12V,
R
SC =10
Ω,R
L =0
45
85
mA
1
V
Z
Zener Voltage
I
Z = 1mA
(Notes 8,
10)
5.58
6.82
V
1
V
OUT
Output Voltage
V
IN = 12V, VOUT = 5V, IL = 1mA
(Note 11)
4.5
5.5
V
1, 2, 3
Delta V
OUT
/ Delta T
Average Temperature
Coefficient of Output Voltage
25˚C
≤ T
A
≤ +125˚C, V
IN = 12V,
V
OUT = 5V, IL = 1mA
(Note 12)
−0.01
0.01
%/˚C
8A
−55˚C
≤ T
A
≤ +25˚C, V
IN = 12V,
V
OUT = 5V, IL = 1mA
(Note 12) −0.015 0.015
%/˚C
8B
Delta V
OUT
/ Delta V
IN
Ripple Rejection
f = 10KHz, C
REF = 0F,
V
INS =2VRMS
64
dB
4
f = 10KHz, C
REF = 5µF,
V
INS =2VRMS
76
dB
4
N
O
Output Noise Voltage
100Hz
≤ f ≤ 10KHz,
V
INS =0VRMS,CREF = 0µF
120
µV
RMS
4
100Hz
≤ f ≤ 10KHz,
V
INS =0VRMS,CREF = 5µF
7µV
RMS
4
Delta V
OUT
/ Delta V
IN
Line Transient Response
V
IN = 12V, VOUT = 5V,
I
L = 1mA, CREF = 5µF,
R
SC =0
Ω,
Delta V
IN = 3V for 25µsec
0
10
mV/V
4
www.national.com
4


Similar Part No. - JL723SCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JL723SCA TI1-JL723SCA Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
More results

Similar Description - JL723SCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM723JAN-SP TI-LM723JAN-SP Datasheet
815Kb / 21P
[Old version datasheet]   LM723JAN Voltage Regulator
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com