Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JL723SCA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # JL723SCA
Description  LM723JAN Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

JL723SCA Datasheet(HTML) 10 Page - Texas Instruments

Back Button JL723SCA Datasheet HTML 6Page - Texas Instruments JL723SCA Datasheet HTML 7Page - Texas Instruments JL723SCA Datasheet HTML 8Page - Texas Instruments JL723SCA Datasheet HTML 9Page - Texas Instruments JL723SCA Datasheet HTML 10Page - Texas Instruments JL723SCA Datasheet HTML 11Page - Texas Instruments JL723SCA Datasheet HTML 12Page - Texas Instruments JL723SCA Datasheet HTML 13Page - Texas Instruments JL723SCA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Typical Applications
20125808
for minimum temperature drift
Typical Performance
Regulated Output Voltage
5V
Line Regulation (
∆V
IN = 3V)
0.5mV
Load Regulation (
∆I
L = 50 mA)
1.5mV
FIGURE 1. Basic Low Voltage Regulator
(V
OUT = 2 to 7 Volts)
20125809
for minimum temperature drift.
R3 may be eliminated for minimum component count.
Typical Performance
Regulated Output Voltage
15V
Line Regulation (
∆V
IN = 3V)
1.5 mV
Load Regulation (
∆I
L = 50 mA)
4.5 mV
FIGURE 2. Basic High Voltage Regulator
(V
OUT = 7 to 37 Volts)
www.national.com
9


Similar Part No. - JL723SCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JL723SCA TI1-JL723SCA Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
More results

Similar Description - JL723SCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM723JAN-SP TI-LM723JAN-SP Datasheet
815Kb / 21P
[Old version datasheet]   LM723JAN Voltage Regulator
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com