Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333-Q1
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA333-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA333-Q1 Datasheet HTML 5Page - Texas Instruments OPA333-Q1 Datasheet HTML 6Page - Texas Instruments OPA333-Q1 Datasheet HTML 7Page - Texas Instruments OPA333-Q1 Datasheet HTML 8Page - Texas Instruments OPA333-Q1 Datasheet HTML 9Page - Texas Instruments OPA333-Q1 Datasheet HTML 10Page - Texas Instruments OPA333-Q1 Datasheet HTML 11Page - Texas Instruments OPA333-Q1 Datasheet HTML 12Page - Texas Instruments OPA333-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
V
OUT
R
P = 20kΩ
Op Amp V
− = Gnd
OPA333A
V
IN
V+ = +5V
−5V
Additional
Negative
Supply
OPA333-Q1
www.ti.com
SBOS522 – JUNE 2010
Achieving Output Swing to the Op Amp Negative Rail
Some applications require output voltage swings from 0 V to a positive full-scale voltage (such as 2.5 V) with
excellent accuracy. With most single-supply op amps, problems arise when the output signal approaches 0 V,
near the lower output swing limit of a single-supply op amp. A good single-supply op amp may swing close to
single-supply ground, but will not reach ground. The output of the OPA333 can be made to swing to ground, or
slightly below, on a single-supply power source. To do so requires the use of another resistor and an additional,
more negative, power supply than the op amp negative supply. A pulldown resistor may be connected between
the output and the additional negative supply to pull the output down below the value that the output would
otherwise achieve (see Figure 2).
Figure 2. VOUT Range to Ground
The OPA333 has an output stage that allows the output voltage to be pulled to its negative supply rail, or slightly
below, using the technique previously described. This technique only works with some types of output stages.
The OPA333 has been characterized to perform with this technique; however, the recommended resistor value is
approximately 20 k
Ω. Note that this configuration will increase the current consumption by several hundreds of
microamps.
Accuracy
is
excellent
down
to
0
V
and
as
low
as
–2 mV. Limiting and nonlinearity occurs below –2 mV, but excellent accuracy returns as the output is again
driven above –2 mV. Lowering the resistance of the pulldown resistor allows the op amp to swing even further
below the negative rail. Resistances as low as 10 k
Ω can be used to achieve excellent accuracy down to
–10 mV.
General Layout Guidelines
Attention to good layout practices is always recommended. Keep traces short and, when possible, use a printed
circuit board (PCB) ground plane with surface-mount components placed as close to the device pins as possible.
Place a 0.1-mF capacitor closely across the supply pins. These guidelines should be applied throughout the
analog circuit to improve performance and provide benefits, such as reducing the electromagnetic interference
(EMI) susceptibility.
Operational amplifiers vary in their susceptibility to radio frequency interference (RFI). RFI can generally be
identified as a variation in offset voltage or dc signal levels with changes in the interfering RF signal. The
OPA333 has been specifically designed to minimize susceptibility to RFI and demonstrates remarkably low
sensitivity compared to previous-generation devices. Strong RF fields may still cause varying offset levels.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA333-Q1


Similar Part No. - OPA333-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333-Q1 TI-OPA333-Q1 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI1-OPA333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results

Similar Description - OPA333-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com