Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA356AQDBVRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA356AQDBVRQ1
Description  200-MHz CMOS OPERATIONAL AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA356AQDBVRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA356AQDBVRQ1 Datasheet HTML 3Page - Texas Instruments OPA356AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments OPA356AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments OPA356AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments OPA356AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments OPA356AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments OPA356AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments OPA356AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments OPA356AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FREQUENCY RESPONSE FOR VARIOUS C
L
Frequency (Hz)
10M
1M
100M
1G
100k
9
6
3
0
–3
–6
–9
–12
–15
R
S = 0Ω
V
O = 0.1Vp-p
C
L = 100pF
C
L = 47pF
C
L = 5.6pF
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
10
100
1
120
100
80
60
40
20
0
OPA356
C
L
R
S
V
IN
V
O
1kΩ
604Ω
604Ω
(1kΩ is
Optional)
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
10M
100M
1G
1M
3
0
–3
–6
–9
–12
–15
C
L = 100pF
R
S = 24Ω
C
L = 47pF
R
S = 36Ω
C
L = 5.6pF
R
S = 80Ω
OPA356
C
L
R
S
V
IN
V
O
1kΩ
604Ω
604Ω
(1kΩ is
Optional)
G = +2
V
O = 0.1Vp-p
Frequency (Hz)
10M
100M
100k
1M
1G
10k
100
90
80
70
60
50
40
30
20
10
0
–PSRR
+PSRR
CMRR
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
OPEN-LOOP GAIN AND PHASE
Frequency (Hz)
10M
100M
100k
1M
1G
1k
10k
180
160
140
120
100
80
60
40
20
0
–20
Gain
R
L = 1kΩ
R
L = 150Ω
Phase
COMPOSITE VIDEO
DIFFERENTIAL GAIN AND PHASE
Number of 150Ω Loads
3
2
4
1
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
dP
dG
OPA356-Q1
www.ti.com.................................................................................................................................................................................................. SBOS479 – MARCH 2009
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VS = 5 V, G = +2, RF = 604 Ω, RL = 150 Ω connected to VS/2 (unless otherwise noted)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA356-Q1


Similar Part No. - OPA356AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA356A BURR-BROWN-OPA356A Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
OPA356AID BURR-BROWN-OPA356AID Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA356AID TI-OPA356AID Datasheet
323Kb / 19P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA356AIDBV BURR-BROWN-OPA356AIDBV Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
OPA356AIDBVR BURR-BROWN-OPA356AIDBVR Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA356AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2356-EP TI1-OPA2356-EP Datasheet
1Mb / 29P
[Old version datasheet]   200-MHz, CMOS operational amplifier
OPA356-Q1 TI-OPA356-Q1_15 Datasheet
900Kb / 18P
[Old version datasheet]   200-MHz CMOS OPERATIONAL AMPLIFIER
OPA2356-EP_1904 TI1-OPA2356-EP_1904 Datasheet
1Mb / 29P
[Old version datasheet]   200-MHz, CMOS operational amplifier
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
ON Semiconductor
NCS20161 ONSEMI-NCS20161 Datasheet
321Kb / 22P
   8 MHz, Rail-To-Rail, CMOS Operational Amplifier
October, 2022 - Rev. 0
logo
Texas Instruments
OPA373 TI1-OPA373_16 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com