Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA365-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA365-EP
Description  50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA365-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA365-EP Datasheet HTML 4Page - Texas Instruments OPA365-EP Datasheet HTML 5Page - Texas Instruments OPA365-EP Datasheet HTML 6Page - Texas Instruments OPA365-EP Datasheet HTML 7Page - Texas Instruments OPA365-EP Datasheet HTML 8Page - Texas Instruments OPA365-EP Datasheet HTML 9Page - Texas Instruments OPA365-EP Datasheet HTML 10Page - Texas Instruments OPA365-EP Datasheet HTML 11Page - Texas Instruments OPA365-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
−1.5V
V
C
1
100nF
C
2
100nF
R
2
10kΩ
R
1
1k
V+
+1.5V
V
OUT
V
IN
a) Dual Supply Connection
C
1
100nF
R
2
10kΩ
R
1
1k
V
V+
+3V
V
OUT
V
IN
V
CM =1
.5V
b) Single Supply Connection
OPA365
OPA365
OPA365-EP
SLOS735
– AUGUST 2011
www.ti.com
APPLICATION INFORMATION
Operating Characteristics
The OPA365 amplifier parameters are fully specified from 2.2 V to 5.5 V. Many of the specifications apply from
−55°C to 125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature
are presented in Typical Characteristics.
General Layout Guidelines
The OPA365 is a wideband amplifier. To realize the full operational performance of the device, good
high-frequency printed circuit board (PCB) layout practices are required. Low-loss 0.1-
µF bypass capacitors must
be connected between each supply pin and ground as close to the device as possible. The bypass capacitor
traces should be designed for minimum inductance.
Basic Amplifier Configurations
As with other single-supply op amps, the OPA365 may be operated with either a single supply or dual supplies
(see Figure 2). A typical dual-supply connection is shown in Figure 2, which is accompanied by a single-supply
connection. The OPA365 is configured as a basic inverting amplifier with a gain of
−10 V/V. The dual-supply
connection has an output voltage centered on zero, while the single
−supply connection has an output centered
on the common-mode voltage VCM. For the circuit shown, this voltage is 1.5 V, but may be any value within the
common-mode input voltage range. The OPA365 VCM range extends 100 mV beyond the power-supply rails.
Figure 2. Basic Circuit Connections
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA365-EP


Similar Part No. - OPA365-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
More results

Similar Description - OPA365-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA365 TI1-OPA365 Datasheet
692Kb / 24P
[Old version datasheet]   50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
logo
SG Micro Corp
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com