Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2377AID Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2377AID
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2377AID Datasheet(HTML) 3 Page - Texas Instruments

  OPA2377AID Datasheet HTML 1Page - Texas Instruments OPA2377AID Datasheet HTML 2Page - Texas Instruments OPA2377AID Datasheet HTML 3Page - Texas Instruments OPA2377AID Datasheet HTML 4Page - Texas Instruments OPA2377AID Datasheet HTML 5Page - Texas Instruments OPA2377AID Datasheet HTML 6Page - Texas Instruments OPA2377AID Datasheet HTML 7Page - Texas Instruments OPA2377AID Datasheet HTML 8Page - Texas Instruments OPA2377AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
OPA377
OPA2377
OPA4377
www.ti.com
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS: VS = +2.2V to +5.5V
Boldface limits apply over the specified temperature range: TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
OPA377, OPA2377, OPA4377
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = +5V
0.25
1
mV
vs Temperature
dVOS/dT
–40°C to +125°C
0.32
2
mV/°C
vs Power Supply
PSRR
VS = +2.2V to +5.5V, VCM < (V+) – 1.3V
5
28
mV/V
Over Temperature
VS = +2.2V to +5.5V, VCM < (V+) – 1.3V
5
mV/V
Channel Separation, dc (dual, quad)
0.5
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.2
±10
pA
Over Temperature
See Typical Characteristics
pA
Input Offset Current
IOS
±0.2
±10
pA
NOISE
Input Voltage Noise,
en
f = 0.1Hz to 10Hz
0.8
mVPP
Input Voltage Noise Density
en
f = 1kHz
7.5
nV/
√Hz
Input Current Noise
in
f = 1kHz
2
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V
–) – 0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
(V
–) < VCM < (V+) – 1.3 V
70
90
dB
INPUT CAPACITANCE
Differential
6.5
pF
Common-Mode
13
pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
50mV
< VO < (V+) – 50mV, RL = 10kΩ
112
134
dB
100mV
< VO < (V+) – 100mV, RL = 2kΩ
126
dB
FREQUENCY RESPONSE
VS = 5.5V
Gain-Bandwidth Product
GBW
5.5
MHz
Slew Rate
SR
G = +1
2
V/ms
Settling Time 0.1%
tS
2V Step , G = +1
1.6
ms
Settling Time 0.01%
tS
2V Step , G = +1
2
ms
Overload Recovery Time
VIN × Gain > VS
0.33
ms
THD + Noise
THD+N
VO = 1VRMS, G = +1, f = 1kHz, RL = 10kΩ
0.00027
%
OUTPUT
Voltage Output Swing from Rail
RL = 10kΩ
10
20
mV
Over Temperature
RL = 10kΩ
40
mV
Short-Circuit Current
ISC
+30/
–50
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
Open-Loop Output Impedance
RO
150
POWER SUPPLY
Specified Voltage Range
VS
2.2
5.5
V
Quiescent Current per amplifier
IQ
IO = 0, VS = +5.5V
0.76
1.05
mA
Over Temperature
1.2
mA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Thermal Resistance
qJA
°C/W
SC70-5
250
°C/W
SOT23-5
200
°C/W
MSOP-8, SO-8, TSSOP-14
150
°C/W
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA377 OPA2377 OPA4377


Similar Part No. - OPA2377AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2377AID TI1-OPA2377AID Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA2377AIDGKR TI1-OPA2377AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA2377AIDGKT TI1-OPA2377AIDGKT Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA2377AIDR TI1-OPA2377AIDR Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
More results

Similar Description - OPA2377AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377 TI1-OPA377_15 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377 TI-OPA4377 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise,Single, Dual, Quad CMOS Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com