Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL4050B10QDBZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL4050B10QDBZT
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL4050B10QDBZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL4050B10QDBZT Datasheet HTML 5Page - Texas Instruments TL4050B10QDBZT Datasheet HTML 6Page - Texas Instruments TL4050B10QDBZT Datasheet HTML 7Page - Texas Instruments TL4050B10QDBZT Datasheet HTML 8Page - Texas Instruments TL4050B10QDBZT Datasheet HTML 9Page - Texas Instruments TL4050B10QDBZT Datasheet HTML 10Page - Texas Instruments TL4050B10QDBZT Datasheet HTML 11Page - Texas Instruments TL4050B10QDBZT Datasheet HTML 12Page - Texas Instruments TL4050B10QDBZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TL4050x41Q ELECTRICAL CHARACTERISTICS
DVZ
DIZ
TL4050
www.ti.com........................................................................................................................................................ SLOS486A – JUNE 2007 – REVISED AUGUST 2009
at extended temperature range, full range TA = –40°C to 125°C (unless otherwise noted)
TL4050A41Q
TL4050B41Q
TL4050C41Q
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Reverse
VZ
breakdown
IZ = 100 µA
25°C
4.096
4.096
4.096
V
voltage
25°C
–4.1
4.1
–8.2
8.2
–21
21
Reverse
ΔVZ
breakdown
IZ = 100 µA
mV
Full
–25
25
–29
29
–41
41
voltage tolerance
range
25°C
52
68
52
68
52
68
Minimum
IZ,min
µA
Full
cathode current
78
78
78
range
IZ = 10 mA
25°C
±30
±30
±30
Average
temperature
IZ = 1 mA
25°C
±20
±20
±20
coefficient of
α
VZ
ppm/°C
25°C
±20
±20
±20
reverse
breakdown
IZ = 100 µA
Full
±50
±50
±50
voltage
range
25°C
0.2
0.9
0.2
0.9
0.2
0.9
IZ,min < IZ < 1 mA
Reverse
Full
1.2
1.2
1.2
breakdown
range
voltage change
mV
25°C
2
7
2
7
2
7
with cathode
current change
1 mA < IZ < 15 mA
Full
10
10
10
range
IZ = 1 mA,
Reverse dynamic
ZZ
f = 120 Hz,
25°C
0.5
0.5
0.5
impedance
IAC = 0.1 IZ
IZ = 100 µA,
eN
Wideband noise
25°C
93
93
93
µV
RMS
10 Hz
≤ f ≤ 10 kHz
Long-term
stability of
t = 1000 h,
reverse
TA = 25°C ± 0.1°C,
120
120
120
ppm
breakdown
IZ = 100 µA
voltage
Thermal
VHYST
ΔTA = –40°C to 125°C
1.148
1.148
1.148
mV
hysteresis(1)
(1)
Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C).
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TL4050


Similar Part No. - TL4050B10QDBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4050B10QDBZT TI-TL4050B10QDBZT Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B10QDBZT TI-TL4050B10QDBZT Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B10QDBZT TI1-TL4050B10QDBZT Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B10QDBZTG4 TI-TL4050B10QDBZTG4 Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050B10QDBZTG4 TI-TL4050B10QDBZTG4 Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - TL4050B10QDBZT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com