Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA377AIDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA377AIDR
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA377AIDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA377AIDR Datasheet HTML 6Page - Texas Instruments OPA377AIDR Datasheet HTML 7Page - Texas Instruments OPA377AIDR Datasheet HTML 8Page - Texas Instruments OPA377AIDR Datasheet HTML 9Page - Texas Instruments OPA377AIDR Datasheet HTML 10Page - Texas Instruments OPA377AIDR Datasheet HTML 11Page - Texas Instruments OPA377AIDR Datasheet HTML 12Page - Texas Instruments OPA377AIDR Datasheet HTML 13Page - Texas Instruments OPA377AIDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
5kW
OPA377
10mAmax
V+
V
IN
V
OUT
I
OVERLOAD
10
to
W
20W
V+
V
IN
V
OUT
R
S
R
L
C
L
OPA377
OPA377
OPA2377
OPA4377
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
www.ti.com
INPUT AND ESD PROTECTION
CAPACITIVE LOAD AND STABILITY
The OPA377 family incorporates internal electrostatic
The OPA377 series of amplifiers may be used in
discharge (ESD) protection circuits on all pins. In the
applications where driving a capacitive load is
case of input and output pins, this protection primarily
required. As with all op amps, there may be specific
consists
of
current
steering
diodes
connected
instances where the OPAx377 can become unstable,
between the input and power-supply pins. These ESD
leading to oscillation. The particular op amp circuit
protection
diodes
also
provide
in-circuit,
input
configuration, layout, gain, and output loading are
overdrive protection, as long as the current is limited
some of the factors to consider when establishing
to 10mA as stated in the Absolute Maximum Ratings.
whether an amplifier will be stable in operation. An op
Figure 23 shows how a series input resistor may be
amp in the unity-gain (+1V/V) buffer configuration and
added to the driven input to limit the input current.
driving a capacitive load exhibits a greater tendency
The added resistor contributes thermal noise at the
to be unstable than an amplifier operated at a higher
amplifier input and its value should be kept to a
noise gain. The capacitive load, in conjunction with
minimum in noise-sensitive applications.
the op amp output resistance, creates a pole within
the feedback loop that degrades the phase margin.
The degradation of the phase margin increases as
the capacitive loading increases.
The OPAx377 in a unity-gain configuration can
directly drive up to 250pF pure capacitive load.
Increasing the gain enhances the ability of the
amplifier to drive greater capacitive loads; see the
typical characteristic plot, Small-Signal Overshoot vs
Capacitive
Load.
In
unity-gain
configurations,
Figure 23. Input Current Protection
capacitive load drive can be improved by inserting a
small (10
Ω to 20Ω) resistor, RS, in series with the
output,
as
shown
in
Figure
24.
This
resistor
EMI SUSCEPTIBILITY AND INPUT FILTERING
significantly reduces ringing while maintaining dc
performance for purely capacitive loads. However, if
Operational
amplifiers
vary
in
susceptibility
to
there is a resistive load in parallel with the capacitive
electromagnetic interference (EMI). If conducted EMI
load, a voltage divider is created, introducing a gain
enters
the
operational
amplifier,
the
dc
offset
error at the output and slightly reducing the output
observed at the amplifier output may shift from the
swing. The error introduced is proportional to the ratio
nominal value while the EMI is present. This shift is a
RS/RL, and is generally negligible at low output
result of signal rectification associated with the
current levels.
internal semiconductor junctions. While all amplifier
pin functions can be affected by EMI, the input pins
are likely to be the most susceptible. The OPA377
operational amplifier family incorporates an internal
input
low-pass
filter
that
reduces
the
amplifier
response to EMI. Both common-mode and differential
mode filtering are provided by the input filter. The
filter
is
designed
for
a
cutoff
frequency
of
approximately 75MHz (
–3dB), with a roll-off of 20dB
per decade.
Figure 24. Improving Capacitive Load Drive
10
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA377 OPA2377 OPA4377


Similar Part No. - OPA377AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377AIDR TI1-OPA377AIDR Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
More results

Similar Description - OPA377AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377 TI1-OPA377_15 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377 TI-OPA4377 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise,Single, Dual, Quad CMOS Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com