Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNC11D Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC11D
Description  One Channel Direct Drive Speech Controller?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC11D Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC11D Datasheet HTML 1Page - SONiX Technology Company SNC11D Datasheet HTML 2Page - SONiX Technology Company SNC11D Datasheet HTML 3Page - SONiX Technology Company SNC11D Datasheet HTML 4Page - SONiX Technology Company SNC11D Datasheet HTML 5Page - SONiX Technology Company SNC11D Datasheet HTML 6Page - SONiX Technology Company SNC11D Datasheet HTML 7Page - SONiX Technology Company SNC11D Datasheet HTML 8Page - SONiX Technology Company SNC11D Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SNC11D
One Channel Direct Drive Speech Controller
5.7. DAC & PWM
SNC11D is an advanced chip to be designed having two optimal methods to play
out the voices. One is DAC and the other is PWM. Upon user’s applications, user
can select either DAC or PWM in his design. Please be aware that only one
method can be activated at a time.
DAC: A 7-bit current type digital-to-analog converter is built-in SNC11D. The
relationship between input digital data and output analog current signal is listed
in the following table. Also, the recommended application circuit is illustrated as
follows.
Input data
Typical value of output current (mA)
0
0
1
3/127
N
n*(3/127)
127
3
VCC
BUO1/VO
1K
DAC output
Ver: 1.1
August 26, 2003
5


Similar Part No. - SNC11D

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC11D SONIX-SNC11D_05 Datasheet
351Kb / 12P
   One Channel Direct Drive Speech Controller
More results

Similar Description - SNC11D

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN65020 SONIX-SN65020 Datasheet
130Kb / 5P
   One Channel Direct Drive Speech Controller
SNC112 SONIX-SNC112 Datasheet
347Kb / 11P
   One Channel Direct Drive Speech Controller?
SNC10A SONIX-SNC10A_05 Datasheet
340Kb / 11P
   One Channel Direct Drive Speech Controller
SNC10C SONIX-SNC10C_05 Datasheet
329Kb / 11P
   One Channel Direct Drive Speech Controller
SNC10D SONIX-SNC10D_05 Datasheet
336Kb / 11P
   One Channel Direct Drive Speech Controller
SNC107 SONIX-SNC107_05 Datasheet
334Kb / 11P
   One Channel Direct Drive Speech Controller
SNC107 SONIX-SNC107 Datasheet
331Kb / 10P
   One Channel Direct Drive Speech Controller?
SNC109 SONIX-SNC109 Datasheet
331Kb / 10P
   One Channel Direct Drive Speech Controller?
SNC118 SONIX-SNC118 Datasheet
347Kb / 11P
   One Channel Direct Drive Speech Controller?
SN67D07 SONIX-SN67D07 Datasheet
106Kb / 5P
   One Channel Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com