Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI300VN-170-50 Datasheet(PDF) 2 Page - Fuji Electric

Part # 2MBI300VN-170-50
Description  IGBT MODULE (V series) 1700V / 300A / 2 in one package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI300VN-170-50 Datasheet(HTML) 2 Page - Fuji Electric

  2MBI300VN-170-50 Datasheet HTML 1Page - Fuji Electric 2MBI300VN-170-50 Datasheet HTML 2Page - Fuji Electric 2MBI300VN-170-50 Datasheet HTML 3Page - Fuji Electric 2MBI300VN-170-50 Datasheet HTML 4Page - Fuji Electric 2MBI300VN-170-50 Datasheet HTML 5Page - Fuji Electric 2MBI300VN-170-50 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
IGBT Modules
2MBI300VN-170-50
http://www.fujielectric.com/products/semiconductor/
3
Characteristics (Representative)
0.1
1
10
100
1000
0
10
20
30
Cies
Cres
Coes
0
200
400
600
800
0
1
2
3
4
5
VGE=20V 15V
12V
10V
8V
0
200
400
600
800
0
1
2
3
4
5
VGE= 20V
12V
15V
10V
8V
0
200
400
600
800
0
1
2
3
4
5
125°C
Tj=25°C
150°C
0
2
4
6
8
10
5
10
15
20
25
IC=600A
IC=300A
IC=150A
-20
-15
-10
-5
0
5
10
15
20
-4000
-2000
0
2000
4000
-1000
-750
-500
-250
0
250
500
750
1000
VGE
VCE
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 150°C / chip
Collector-Emitter voltage vs. Gate-Emitter voltage (typ.)
Tj= 25°C / chip
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 25°C / chip
Collector current vs. Collector-Emitter voltage (typ.)
VCC=900V, IC=300A, Tj= 25°C
Gate Capacitance vs. Collector-Emitter Voltage (typ.)
Dynamic Gate Charge (typ.)
VGE= 0V, ƒ= 1MHz, Tj= 25°C
VGE= 15V / chip
Collector-Emitter Voltage: VCE [V]
Gate-Emitter Voltage: VGE [V]
Collector-Emitter voltage: VCE [V]
Collector-Emitter voltage: VCE [V]
Collector-Emitter voltage: VCE [V]
Gate charge: Qg [μC]
[INVERTER]
[INVERTER]
[INVERTER]
[INVERTER]
[INVERTER]
[INVERTER]


Similar Part No. - 2MBI300VN-170-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300VN-120-50 FUJI-2MBI300VN-120-50 Datasheet
600Kb / 6P
   IGBT MODULE
More results

Similar Description - 2MBI300VN-170-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI550VJ-170-50 FUJI-2MBI550VJ-170-50 Datasheet
611Kb / 6P
   IGBT MODULE (V series) 1700V / 550A / 2 in one package
2MBI450VN-170-50 FUJI-2MBI450VN-170-50 Datasheet
547Kb / 6P
   IGBT MODULE (V series) 1700V / 450A / 2 in one package
2MBI650VXA-170E-50 FUJI-2MBI650VXA-170E-50 Datasheet
488Kb / 7P
   IGBT MODULE (V series) 1700V / 650A / 2 in one package
2MBI1000VXB-170E-50 FUJI-2MBI1000VXB-170E-50 Datasheet
462Kb / 7P
   IGBT MODULE (V series) 1700V / 1000A / 2 in one package
logo
Nell Semiconductor Co.,...
NSGM300GB12B NELLSEMI-NSGM300GB12B Datasheet
995Kb / 4P
   IGBT Module (2 in one-package), 300A
logo
Fuji Electric
2MBI300VD-120-50 FUJI-2MBI300VD-120-50 Datasheet
403Kb / 6P
   IGBT MODULE (V series) 1200V / 300A / 2 in one package
2MBI300VH-120-50 FUJI-2MBI300VH-120-50 Datasheet
424Kb / 6P
   IGBT MODULE (V series) 1200V / 300A / 2 in one package
2MBI300VB-060-50 FUJI-2MBI300VB-060-50 Datasheet
421Kb / 6P
   IGBT MODULE (V series) 600V / 300A / 2 in one package
2MBI300VE-120-50 FUJI-2MBI300VE-120-50 Datasheet
405Kb / 6P
   IGBT MODULE (V series) 1200V / 300A / 2 in one package
logo
MacMic
MMG300D170B6EN MACMIC-MMG300D170B6EN Datasheet
308Kb / 5P
   1700V 300A IGBT Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com