Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1664 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1664
Description  Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1664 Datasheet(HTML) 1 Page - Texas Instruments

  OPA1664 Datasheet HTML 1Page - Texas Instruments OPA1664 Datasheet HTML 2Page - Texas Instruments OPA1664 Datasheet HTML 3Page - Texas Instruments OPA1664 Datasheet HTML 4Page - Texas Instruments OPA1664 Datasheet HTML 5Page - Texas Instruments OPA1664 Datasheet HTML 6Page - Texas Instruments OPA1664 Datasheet HTML 7Page - Texas Instruments OPA1664 Datasheet HTML 8Page - Texas Instruments OPA1664 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Burr-BrownAudio
OPA1662
OPA1664
www.ti.com
SBOS489
– DECEMBER 2011
™ Low-Power, Low Noise and Distortion, Bipolar-Input
AUDIO OPERATIONAL AMPLIFIERS
Check for Samples: OPA1662, OPA1664
1
FEATURES
DESCRIPTION
The OPA1662 (dual) and OPA1664 (quad) series of
234
Low Noise: 3.3 nV/
√Hz at 1 kHz
bipolar-input operational amplifiers achieve a low 3.3
Low Distortion: 0.00006% at 1 kHz
nV/
√Hz noise density with an ultralow distortion of
Low Quiescent Current:
0.00006% at 1 kHz. The OPA1662 and OPA1664
1.5 mA per Channel
series of op amps offer rail-to-rail output swing to
within 600 mV with 2-k
Ω load, which increases
Slew Rate: 17 V/
μs
headroom and maximizes dynamic range. These
Wide Gain Bandwidth: 22 MHz (G = +1)
devices also have a high output drive capability of
Unity Gain Stable
±30 mA.
Rail-to-Rail Output
These devices operate over a very wide supply range
Wide Supply Range:
of
±1.5 V to ±18 V, or +3 V to +36 V, on only 1.5 mA
of supply current per channel. The OPA1662 and
±1.5 V to ±18 V, or +3 V to +36 V
OPA1664 op amps are unity-gain stable and provide
Dual and Quad Versions Available
excellent dynamic behavior over a wide range of load
Small Package Sizes:
conditions.
Dual: SO-8 and MSOP-8
These devices also feature completely independent
Quad: SO-14 and TSSOP-14
circuitry for lowest crosstalk and freedom from
interactions between channels, even when overdriven
APPLICATIONS
or overloaded.
USB and Firewire Audio Systems
The
OPA1662
and
OPA1664
are
specified
Analog and Digital Mixers
from
–40°C to +85°C. SoundPlus™
Portable Recording Systems
Audio Effects Processors
High-End A/V Receivers
High-End DVD and Blu-Ray
™ Players
HIGH-End Car Audio
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SoundPlus is a trademark of Texas Instruments Incorporated.
3
Blu-Ray is a trademark of Blu-Ray Disc Association.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA1664

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662-Q1 TI1-OPA1662-Q1 Datasheet
2Mb / 33P
[Old version datasheet]   Operational Amplifier
OPA1662-Q1 TI1-OPA1662-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Operational Amplifier
OPA1662AIDGKRQ1 TI1-OPA1662AIDGKRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Operational Amplifier
OPA1662AIDRQ1 TI1-OPA1662AIDRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - OPA1664

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1677 TI-OPA1677 Datasheet
3Mb / 52P
[Old version datasheet]   OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com