Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA835 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments OPA835 Datasheet HTML 10Page - Texas Instruments OPA835 Datasheet HTML 11Page - Texas Instruments OPA835 Datasheet HTML 12Page - Texas Instruments OPA835 Datasheet HTML 13Page - Texas Instruments OPA835 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
OPA835
OPA2835
SLOS713D
– JANUARY 2011 – REVISED OCTOBER 2011
www.ti.com
PIN FUNCTIONS
PIN
DESCRIPTION
NUMBER
NAME
OPA835 DBV PACKAGE
1
VOUT
Amplifier output
2
VS–
Negative power supply input
3
VIN+
Amplifier non-inverting input
4
VIN–
Amplifier inverting input
5
PD
Amplifier Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
6
VS+
Positive power supply input
OPA835 RUN PACKAGE
1
VOUT
Amplifier output
2
VIN–
Amplifier inverting input
3
VIN+
Amplifier non-inverting input
4
PD
Amplifier Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
5
VS–
Negative power supply input
6
FB4
Connection to bottom of 250
Ω internal gain setting resistors
7
FB3
Connection to junction of 750 and 250
Ω internal gain setting resistors
8
FB2
Connection to junction of 1k and 750
Ω internal gain setting resistors
9
FB1
Connection to top of 1k
Ω internal gain setting resistors
10
VS+
Positive power supply input
OPA2835 D PACKAGE
1
VOUT1
Amplifier 1 output
2
VIN1–
Amplifier 1 inverting input
3
VIN1+
Amplifier 1 non-inverting input
4
VS–
Negative power supply input
5
VIN2+
Amplifier 2 non-inverting input
6
VIN2–
Amplifier 2 inverting input
7
VOUT2
Amplifier 2 output
8
VS+
Positive power supply input
OPA2835 DSG PACKAGE
1
VOUT1
Amplifier 1 output
2
VIN1–
Amplifier 1 inverting input
3
VIN1+
Amplifier 1 non-inverting input
4
VS–
Negative power supply input
5
PD1
Amplifier 1 Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
6
PD2
Amplifier 2 Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
7
VIN2+
Amplifier 2 non-inverting input
8
VIN2–
Amplifier 2 inverting input
9
VOUT2
Amplifier 2 output
10
VS+
Positive power supply input
OPA2835 RUN PACKAGE
1
VOUT1
Amplifier 1 output
2
VIN1–
Amplifier 1 inverting input
3
VIN1+
Amplifier 1 non-inverting input
4
PD1
Amplifier 1 Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
5
VS–
Negative power supply input
6
PD2
Amplifier 2 Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
7
VIN2+
Amplifier 2 non-inverting input
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA835 OPA2835


Similar Part No. - OPA835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA835 TI1-OPA835 Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835 TI1-OPA835 Datasheet
567Kb / 21P
[Old version datasheet]   50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
OPA835 TI-OPA835 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835IDBVR TI1-OPA835IDBVR Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
More results

Similar Description - OPA835

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
[Old version datasheet]   ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA836 TI1-OPA836 Datasheet
1Mb / 49P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI-OPA835_15 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
TLV197-Q1 TI1-TLV197-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com