Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4684IDBW Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA4684IDBW
Description  QUAD LOW-POWER CURRENT-FEEDBACK OPERATIONAL AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4684IDBW Datasheet(HTML) 5 Page - Texas Instruments

  OPA4684IDBW Datasheet HTML 1Page - Texas Instruments OPA4684IDBW Datasheet HTML 2Page - Texas Instruments OPA4684IDBW Datasheet HTML 3Page - Texas Instruments OPA4684IDBW Datasheet HTML 4Page - Texas Instruments OPA4684IDBW Datasheet HTML 5Page - Texas Instruments OPA4684IDBW Datasheet HTML 6Page - Texas Instruments OPA4684IDBW Datasheet HTML 7Page - Texas Instruments OPA4684IDBW Datasheet HTML 8Page - Texas Instruments OPA4684IDBW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
OPA4684M
QUAD LOW POWER CURRENT FEEDBACK
OPERATIONAL AMPLIFIER
SGLS145B − AUGUST 2003 − REVISED FEBRUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VS = 5 V, RF = 1 kΩ, RL = 100 Ω, G = +2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC Performance (See Figure 41)
Small signal bandwidth (V
=
G = +1, RF = 1.3 kΩ
140
Small signal bandwidth (VO =
0.5 Vp-p)
G = +10, RF = 1.3 kΩ
90
MHz
0.5 Vp-p)
G = +20, RF = 1.3 kΩ
75
MHz
Large signal bandwidth
VO = 2 V, G = +2
86
MHz
Slew rate
VO = 0.5 V step, G = +2
4.3
ns
Rise and fall time
VO = 2 V step, G = +2
5.3
ns
Differential gain
VO = 1.4 V, G = +2, RL = 150 Ω , NTSC
0.04%
Differential phase
VO = 1.4 V, G = +2, RL = 150 Ω , NTSC
0.07
°
All hostile cross talk, input
referred
3 channels driven at 5 MHz, VI = 1 V,
4th channel measured
−52
dB
DC Performance (see Note 2)
Open-loop transimpedance
VO = VS/2, RL = 1 kΩ to VS/2
TA = 25°C
160
355
k
Open-loop transimpedance
gain, ZOL
VO = VS/2, RL = 1 kΩ to VS/2
TA = −55°C to 125°C
153
k
TA = 25°C
±1
±3.5
Input offset voltage
VCM = VS/2
TA = −55°C to 85°C
±4.3
mV
Input offset voltage
VCM = VS/2
TA = 125°C
±5.0
mV
Non-inverting input bias current
VCM = VS/2
TA = 25°C
±5
±13
A
Non-inverting input bias current
VCM = VS/2
TA = −55°C to 125°C
±15
µA
Inverting input bias current
VCM = VS/2
TA = 25°C
±5
±13
A
Inverting input bias current
VCM = VS/2
TA = −55°C to 125°C
±16
µA
Input
Least positive input voltage
TA = 25°C
1.25
1.32
V
Least positive input voltage
(see Note 3)
TA = −55°C to 125°C
1.38
V
Most positive input voltage (see
TA = 25°C
3.68
3.75
V
Most positive input voltage (see
Note 3)
TA = −55°C to 125°C
3.62
V
Common-mode rejection ratio,
TA = 25°C
51
58
Common-mode rejection ratio,
CMRR
VCM = VS/2
TA = −55°C to 85°C
50
dB
CMRR
VCM = VS/2
TA = 125°C
49
dB
Noninverting input impedance
50
k
Noninverting input impedance
1
pF
Inverting input resistance, RI
Open-loop
5
Output
Most positive output voltage
RL = 1 kΩ to VS/2
TA = 25°C
3.9
4.10
V
Most positive output voltage
RL = 1 kΩ to VS/2
TA = −55°C to 125°C
3.8
V
Least positive output voltage
RL = 1 kΩ to VS/2
TA = 25°C
0.9
1.1
V
Least positive output voltage
RL = 1 kΩ to VS/2
TA = −55°C to 125°C
1.2
V
Current output, sourcing
VO = VS/2
TA = 25°C
62
80
mA
Current output, sourcing
VO = VS/2
TA = −55°C to 125°C
55
mA
Current output, sinking
VO = VS/2
TA = 25°C
−52
−70
mA
Current output, sinking
VO = VS/2
TA = −55°C to 125°C
−45
mA
Closed-loop output impedance
G = +2, f = 100 kHz
0.006


Similar Part No. - OPA4684IDBW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4684ID BURR-BROWN-OPA4684ID Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4684ID TI1-OPA4684ID Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
OPA4684IDG4 TI1-OPA4684IDG4 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA4684IDR BURR-BROWN-OPA4684IDR Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4684IDR TI1-OPA4684IDR Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
More results

Similar Description - OPA4684IDBW

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Texas Instruments
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA4684 BURR-BROWN-OPA4684 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com