Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4684IDBW Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA4684IDBW
Description  QUAD LOW-POWER CURRENT-FEEDBACK OPERATIONAL AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4684IDBW Datasheet(HTML) 1 Page - Texas Instruments

  OPA4684IDBW Datasheet HTML 1Page - Texas Instruments OPA4684IDBW Datasheet HTML 2Page - Texas Instruments OPA4684IDBW Datasheet HTML 3Page - Texas Instruments OPA4684IDBW Datasheet HTML 4Page - Texas Instruments OPA4684IDBW Datasheet HTML 5Page - Texas Instruments OPA4684IDBW Datasheet HTML 6Page - Texas Instruments OPA4684IDBW Datasheet HTML 7Page - Texas Instruments OPA4684IDBW Datasheet HTML 8Page - Texas Instruments OPA4684IDBW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
OPA4684M
QUAD LOW POWER CURRENT FEEDBACK
OPERATIONAL AMPLIFIER
SGLS145B − AUGUST 2003 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Minimal Bandwidth Change Versus Gain
D 170-MHz Bandwidth at G = +2
D > 120 MHz Bandwidth To Gain > +10
D Low Distortion: < −78 dBc at 5 MHz
D High Output Current: 120 mA
D Single 5-V to 12-V Supply Operation
D Dual ±2.5 to ±6.0V Supply Operation
D Low Supply Current: 6.8 mA Total
applications
D Low-Power Broadcast Video Drivers
D Equalizing Filters
D Saw Filter High-Gain Post Amplifiers
D Multichannel Summing Amplifiers
D Wideband Differential Channels
D Analog-to-Digital Converters (ADC) Input
Drivers
D Multiple Pole Active Filters
D OPA4658 Low-Power Upgrade
description
The OPA4684 provides a new level of performance in low-power, wideband, current-feedback (CFB) amplifiers.
This CFBPLUS amplifier is among the first to use an internally closed-loop input buffer stage that enhances
performance significantly over earlier low-power CFB amplifiers. While retaining the benefits of very low power
operation, this new architecture provides many of the benefits of a more ideal CFB amplifier. The closed-loop
input stage buffer gives a very low and linearized impedance path at the inverting input to sense the feedback
error current. This improved inverting input impedance retains exceptional bandwidth to much higher gains and
improves harmonic distortion over earlier solutions limited by inverting input linearity. Beyond simple high-gain
applications, the OPA4684 CFBPLUS amplifier permits the gain setting element to be set with considerable
freedom from amplifier bandwidth interaction. This allows frequency response peaking elements to be added,
multiple input inverting summing circuits to have greater bandwidth, and low-power line drivers to meet the
demanding requirements of studio cameras and broadcast video.
The output capability of the OPA4684 also sets a new mark in performance for low-power current-feedback
amplifiers. Delivering a full
±4Vp-p swing on ±5V supplies, the OPA4684 also has the output current to support
>
±3-V swing into 50 Ω. This minimal output headroom requirement is complemented by a similar 1.2-V input
stage headroom giving exceptional capability for single +5V operation.
The OPA4684’s low 6.8-mA supply current is precisely trimmed at 25
°C. This trim, along with low shift over
temperature and supply voltage, gives a very robust design over a wide range of operating conditions.
Low Power CFBPLUS Amplifer
1 of 4 Channels
Z(S)IERR
VO
RF
IERR
V−
V+
RG
Patent Pending
CFBPLUS BW (MHz) vs Gain
Copyright
 2003− 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA4684IDBW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4684ID BURR-BROWN-OPA4684ID Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4684ID TI1-OPA4684ID Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
OPA4684IDG4 TI1-OPA4684IDG4 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA4684IDR BURR-BROWN-OPA4684IDR Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4684IDR TI1-OPA4684IDR Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
More results

Similar Description - OPA4684IDBW

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Texas Instruments
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA4684 BURR-BROWN-OPA4684 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com